Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTN1A-C-1003BDQLM Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # CTN1A-C-1003BDQLM
Description  Ultra Precision Resistor Arrays & Networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CTN1A-C-1003BDQLM Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  CTN1A-C-1003BDQLM Datasheet HTML 1Page - American Accurate Components, Inc. CTN1A-C-1003BDQLM Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
American Accurate Components, Inc.
CTN Series – Ultra Precision Resistor Arrays & Networks
The content of this specification may change without notification 12/13/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
DIMENSIONS (mm)
Model
L
W
P
a
b
c
d
e
f
g
t
CTN1A
CTN1D
3.2
± 0.2
1.6
± 0.2
2.0
± 0.1
1.0
± 0.1
1.0
± 0.1
0.15
± 0.05
0.4
± 0.1
0.55 max
CTN2D
2.0
± 0.2
1.25
± 0.2
1.3
± 0.2
0.7
± 0.2
0.6
± 0.2
0.1
± 0.05 0.25 ± 0.1
0.55 max
CTN6D
2.54
± 0.1
2.54
± 0.1 0.86 ± 0.1 0.43 ± 0.1 0.43 ± 0.2
0.41
±0.2
0.5
± 0.2
0.41
± 0.1
0.55 max
CTNS6D
2.0
± 0.1
2.0
± 0.1
0.72
± 0.1 0.36 ± 0.1 0.36 ± 0.1 0.28 ± 0.2
0.4
± 0.2
0.28
± 0.1
0.55 max
CTN8D
CTN8U
5.08
± 0.2
5.1
± 0.2
1.27
± 0.2 0.635±0.1 0.635±0.1
0.6
± 0.2
0.8
± 0.2
0.635
±0.1
0.2
0.1
0.9 max
CTNS8D
3.2
± 0.2
1.6
± 0.2
0.8
± 0.1
0.4
± 0.1
0.4
± 0.1
0.3
± 0.2
0.4
± 0.2
0.3
± 0.1
0.55 max
CTNM16D
CTNM16U
5.1
± 0.2
0.2
0.1
CTN16D
CTN16U
10.16
± 0.2
8
± 0.2
1.27
± 0.2 0.635±0.1 0.635±0.1
0.6 ± 0.2
0.8 ± 0.2
0.635
±0.1
0.2
0.1
0.9 max
SCHEMATIC
CTN1A
CTN1D
CTN2D
CTN6D
mark on the side of the terminal
CTNS6D
CTNS8D
CTN8D
CTNM16D & CTN16D
CTN8U
CTNM16U & CTN16U
DERATING CURVE
PERFORMANCE
Item
Test Condition
Specification
Short Time Overload
Application of 2.5 times the rated voltage for 5 seconds
± (0.1% + 0.05Ω)
Heat Resistance During Soldering
Dip in Solder at 260°C
± 5°C for 10 ± 1 seconds
± (0.05% + 0.05Ω)
Temperature Cycles
100 cycles between -55°C ~ +125°C
± (0.1% + 0.05Ω)
Service Life Under Heavy Load
1,000 hours at 85°C, rated voltage with intermittent load
± (0.1% + 0.05Ω)
Longevity Under Heavy Humidity Load
95% RH for 1000 hrs at 40°C, rated voltage with intermittent load
± (0.1% + 0.05Ω)
Absolute Value indicating Secular Change
1 year at ambient temperature, normal humidity without load
±50ppm (within ±50ppm / year)
Relative Value Indicating Secular Change
1 year at ambient temperature, normal humidity without load
±10ppm (within ±10ppm / year)


Similar Part No. - CTN1A-C-1003BDQLM

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CTN369 CDIL-CTN369 Datasheet
150Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CTN635 CDIL-CTN635 Datasheet
81Kb / 4P
   Complementary Transistors in Plastic Package for Driver Stage of Audio Amplifier
CTN636 CDIL-CTN636 Datasheet
81Kb / 4P
   Complementary Transistors in Plastic Package for Driver Stage of Audio Amplifier
CTN637 CDIL-CTN637 Datasheet
81Kb / 4P
   Complementary Transistors in Plastic Package for Driver Stage of Audio Amplifier
More results

Similar Description - CTN1A-C-1003BDQLM

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPSC TOKEN-UPSC Datasheet
448Kb / 6P
   Ultra Precision Resistor Networks
UPR TOKEN-UPR Datasheet
441Kb / 6P
   Ultra Precision Resistor Networks
logo
American Accurate Compo...
CRN168SU103JAM AAC-CRN168SU103JAM_17 Datasheet
1Mb / 5P
   Resistor Arrays & Networks
TSOP08A1003AR AAC-TSOP08A1003AR_17 Datasheet
791Kb / 2P
   TSOP ULTRA PRECISION RESISTOR NETWORKS
logo
NIC-Components Corp.
NRSN NIC-NRSN Datasheet
337Kb / 3P
   Chip Resistor Arrays/Networks
NRSNA4I4J102TRF NIC-NRSNA4I4J102TRF Datasheet
106Kb / 4P
   Chip Resistor Arrays/Networks
NRSNA4I4J510TRF NIC-NRSNA4I4J510TRF Datasheet
106Kb / 4P
   Chip Resistor Arrays/Networks
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
   Precision Resistor Networks
logo
American Accurate Compo...
TSOP08A1003AR AAC-TSOP08A1003AR Datasheet
182Kb / 2P
   TSOP Series Ultra Precision Molded Resistor Networks
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com