Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGS-25-5 Datasheet(PDF) 2 Page - CUI INC

Part # VGS-25-5
Description  switching power supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-25-5 Datasheet(HTML) 2 Page - CUI INC

  VGS-25-5 Datasheet HTML 1Page - CUI INC VGS-25-5 Datasheet HTML 2Page - CUI INC VGS-25-5 Datasheet HTML 3Page - CUI INC VGS-25-5 Datasheet HTML 4Page - CUI INC VGS-25-5 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
page
date
DESCRIPTION: switching power supply
2 of 4
02/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VGS-25-XX
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage tolerance
3.3 V
-3
+3
%
5 V
-2
+2
%
12 V, 15 V, 24 V, 48 V
-1
+1
%
voltage adjust range
-10
+10
%
ripple & noise (20MHz BW)
3.3 V, 5 V
100
mV RMS
12 V, 15 V, 24 V
120
mV RMS
48 V
200
mV RMS
setup rise hold time
setup: 800 ms, rise: 50 ms / 230 V ac
setup: 1000 ms, rise: 65 ms / 115 V ac
hold: >32 ms / 230 V ac, >10 ms / 115 V ac
temperature coefficient
at 0~50°C
±0.03
%/°C
short circuit protection
continuous
line regulation3
-0.5
+0.5
%
load regulation4
±2
%
over voltage protection
latch-off mode
115
150
%
over current protection
hiccup mode, auto recovery
110
%
ISOLATION SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
isolation voltage
input/output, for 1 minute
3000 (4242)
V ac (V dc)
input/case, for 1 minute
1500 (2121)
V ac (V dc)
output/case, for 1 minute
500 (707)
V ac (V dc)
isolation resistance
100
M
Ω
ENVIRONMENTAL
parameter
conditions/description
min
nom
max
units
storage temperature
-40
85
° C
operating temperature
-25
70
° C
operating humidity
20
90
%
vibration
10~500 Hz, 5 G, 10 minutes, 1 cycle (1 hour each axis)
SAFETY & EMI
parameter
conditions/description
min
nom
max
units
safety approvals
UL60950-1, TUV EN60950-1 approved
EMI standard
EN55022: 1998+A1: 2000+A2: 2003 class B
EMC
EN61000-3-2: 2000+A2: 2005 class A, EN61000-3-3: 1995+A1: 2001, EN61204-3: 2000,
EN50204: 1998+A1: 2001+A2: 2003 light industry level, criteria A
RoHS compliant
yes
leakage current
at 240 V ac
2
mA
RELIABILITY
mean time before failure (MTBF)
620,300 hours compliance
standard: MIL-HDBK-217F
GENERAL SPECIFICATIONS
dimensions
79 x 51 x 28 mm
packaging
0.18 kg; 60 pcs / 13 kg
notes:
3. measured from high line to low line at full load
4. measured from full load to zero to 100% load at nominal input


Similar Part No. - VGS-25-5

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGS-25-5 CUI-VGS-25-5 Datasheet
375Kb / 5P
   AC-DC POWER SUPPLY
VGS-25-5 CUI-VGS-25-5 Datasheet
375Kb / 5P
   AC-DC POWER SUPPLY
04/11/2017
More results

Similar Description - VGS-25-5

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com