Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHK75W Datasheet(PDF) 7 Page - CUI INC

Part # VHK75W
Description  chassis mount dc-dc converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK75W Datasheet(HTML) 7 Page - CUI INC

  VHK75W_09 Datasheet HTML 1Page - CUI INC VHK75W_09 Datasheet HTML 2Page - CUI INC VHK75W_09 Datasheet HTML 3Page - CUI INC VHK75W_09 Datasheet HTML 4Page - CUI INC VHK75W_09 Datasheet HTML 5Page - CUI INC VHK75W_09 Datasheet HTML 6Page - CUI INC VHK75W_09 Datasheet HTML 7Page - CUI INC VHK75W_09 Datasheet HTML 8Page - CUI INC VHK75W_09 Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
page
date
DESCRIPTION: chassis mount dc-dc converter
7 of 9
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHK75W
10. OUTPUT OCP AND SHORT-CIRCUIT PROTECTION
Output overload and short circuit conditional will cause the output voltage to decline or shutdown altogether.
If the case temperature
is not over 85°C, the output recovers automatically when the short or OCP conditions are removed. In the case of slight overloading,
the output voltage may not shut down, but the converter may build up heat over time, causing over-temperature shutdown.
11. OVER-TEMPERATURE PROTECTION
When the case temperature reaches about 85°C, the converter's built-in protection circuit will shut down the output. When the
temperature is reduced enough to a safe operating level, the converter will recover to normal operations automatically.
12. OUTPUT OVP
In case the output voltage exceeds the OVP threshold, the converter shuts down.
13. OUTPUT PARALLEL CONNECTIONS
The converter is not designed for load share on the output. One may be inclined to use this circuit to force current sharing by
trimming the output voltages for each converter. However, this circuit me not reliably or accurately divide the load current, as the
device characteristics of the converters or the diodes may not be balanced over a range of operating conditions. We generally do not
recommend this circuit to increase power output over a single converter. Instead, we recommend this setup for redundancy only,
having one converter as a backup in case of a failure. Make sure the OR-ing diodes can handle the voltage and full load current.
+Vin
-Vin
+Vo
-Vo
+Vin
-Vin
+Vo
-Vo
FIGURE 6. OUTPUT
PARALLEL CONNECTIONS


Similar Part No. - VHK75W_09

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK75W-DIN CUI-VHK75W-DIN Datasheet
599Kb / 9P
   DC-DC CONVERTER
VHK75W-DIN CUI-VHK75W-DIN Datasheet
1Mb / 9P
   DC-DC CONVERTER
09/06/2021
VHK75W-DIN CUI-VHK75W-DIN_V01 Datasheet
1Mb / 9P
   DC-DC CONVERTER
09/06/2021
VHK75W-Q24-S12 CUI-VHK75W-Q24-S12 Datasheet
563Kb / 9P
   chassis mount dc-dc converter
VHK75W-Q24-S12 CUI-VHK75W-Q24-S12 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results

Similar Description - VHK75W_09

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com