Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHK100W-Q24-S3R3 Datasheet(PDF) 10 Page - CUI INC

Part # VHK100W-Q24-S3R3
Description  chassis mount dc-dc converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK100W-Q24-S3R3 Datasheet(HTML) 10 Page - CUI INC

Back Button VHK100W-Q24-S3R3 Datasheet HTML 2Page - CUI INC VHK100W-Q24-S3R3 Datasheet HTML 3Page - CUI INC VHK100W-Q24-S3R3 Datasheet HTML 4Page - CUI INC VHK100W-Q24-S3R3 Datasheet HTML 5Page - CUI INC VHK100W-Q24-S3R3 Datasheet HTML 6Page - CUI INC VHK100W-Q24-S3R3 Datasheet HTML 7Page - CUI INC VHK100W-Q24-S3R3 Datasheet HTML 8Page - CUI INC VHK100W-Q24-S3R3 Datasheet HTML 9Page - CUI INC VHK100W-Q24-S3R3 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
page
date
DESCRIPTION: chassis mount dc-dc converter
10 of 10
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHK100W
note: The recommended components are a starting point but not guaranteed for meeting these EMI requirements. More or less
filtering may be required for a specific application or to meet other EMI standards, e.g.MIL-STD-461
18. OUTPUT FILTERING
The converter has built-in capacitors at the output to control ripple and noise. If desired, additional output capacitance can be
introduced at the input to the powered equipment. Recommended starting point: one 10μF tantalum and one 1μF ceramic capacitor in
parallel at the output.
19. OUTPUT NOISE MEASUREMENT SCHEMATIC
For proper output ripple and noise measurement, connect a 10μF tantalum and a 1μF ceramic capacitor across the output. Set the
scope bandwidth to 20MHz. Probe directly off of one of the capacitors, using a small ground clip to minimize measurement error.
Resistor
Load
To Scope
Solid Tantalum
10µF
Ceramic
1.0µF
+Vin
-Vin
-Vo
-S
Trim
+S
+
+Vo
FIGURE 11. OUTPUT NOISE MEASUREMENT CIRCUIT
CASE
+Vo
-Vo
+Vin
C1
-Vin
C2
L1
1. Conduction EN55022 class A
Model No.
C2
C3
L1
VHK100W-Q24-S28
47uF/50V KY
47uF/50V KY
3.4uH
VHK100W-Q48-S28
47uF/100V KY
47uF/100V KY
3.4uH
2. Conduction EN55022 class B
Model No.
C1
C2
L1
VHK100W-Q24-S28
220uF/50V KY
220uF/50V KY
3.4uH
VHK100W-Q48-S28
47uF/100V KY
47uF/100V KY
3.4uH
FIGURE 10.3. EMI FILTER FOR VHK100W-XXX-S28


Similar Part No. - VHK100W-Q24-S3R3

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK100W-Q24-S3R3 CUI-VHK100W-Q24-S3R3 Datasheet
531Kb / 8P
   DC-DC CONVERTER
VHK100W-Q24-S3R3 CUI-VHK100W-Q24-S3R3 Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/06/2021
VHK100W-Q24-S3R3-DIN CUI-VHK100W-Q24-S3R3-DIN Datasheet
545Kb / 8P
   DC-DC CONVERTER
VHK100W-Q24-S3R3-DIN CUI-VHK100W-Q24-S3R3-DIN Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/06/2021
More results

Similar Description - VHK100W-Q24-S3R3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com