Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHK50W-Q24-S48 Datasheet(PDF) 5 Page - CUI INC

Part # VHK50W-Q24-S48
Description  chassis mount dc-dc converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK50W-Q24-S48 Datasheet(HTML) 5 Page - CUI INC

  VHK50W-Q24-S48 Datasheet HTML 1Page - CUI INC VHK50W-Q24-S48 Datasheet HTML 2Page - CUI INC VHK50W-Q24-S48 Datasheet HTML 3Page - CUI INC VHK50W-Q24-S48 Datasheet HTML 4Page - CUI INC VHK50W-Q24-S48 Datasheet HTML 5Page - CUI INC VHK50W-Q24-S48 Datasheet HTML 6Page - CUI INC VHK50W-Q24-S48 Datasheet HTML 7Page - CUI INC VHK50W-Q24-S48 Datasheet HTML 8Page - CUI INC VHK50W-Q24-S48 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
page
date
DESCRIPTION: chassis mount dc-dc converter
5 of 11
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHK50W
4. INPUT CURRENT
The input voltage source must be able to provide enough current to the converter, otherwise it may not start up or operate properly. A
typical symptom is not starting or unusually low output voltage. In general, it is recommended to be able to provide at least:
Ipeak = 150%*Pout/(
ηη*Vmin) where Pout is the maximum output power, Vmin is the minimum input voltage and η is the converter's
efficiency. As an example, for VHK50W-Q24-S5 to operate with 9~36V input, 50W output and an efficiency of 81%, the minimum
source current is recommended to be: Ipeak = 150% * 50 / (81% * 9) = 10.29A.
5. INPUT FUSE
To limit the input current and to facilitate input reversal protection and input OVP protection, a fast-acting input fuse is recommended
for the input line. The fuse rating will depend on the input range and should allow for the maximum current at the lowest input
voltage, as shown in this equation: Ipeak = 150%*Pout/(
ηη*Vmin).
In the previous example of VHK50W-Q24-S5, the peak input current at 9V was calculated to be 10.29A. A 10A or a 15A fuse may be
suitable for this application. Make sure the fuse voltage rating is higher than the maximum input voltage.
6. INPUT OVP
It is important to ensure the input voltage does not exceed the maximum rated input voltage for that model. To suppress voltage
transients of short durations, the converter includes a transient voltage suppression device (TVS) at the input. The built-in TVS has a
rated breakdown voltage of 39V for the VHK50W-Q24-XX models and 82V for the VHK50W-Q48 models. With small transients of
short-durations, the TVS will limit the input voltage without interrupting the converters operations. For large transients, the TVS may
conduct a large amount of current that may trip the input fuse. Without the input fuse, the converter may suffer permanent damages.
When the fuse is open, replace it with one of same type and ratings.
7. INPUT REVERSAL PROTECTION
If the input voltage is reversed for any reason, the built-in protection circuits in the converter will limit the reverse voltage to one diode
drop which is no more than 1V. With an external input fuse connected, the fuse will open and thus remove power from the converter.
Check the wiring and make corrections as needed. The input fuse will need to be replaced. Make sure the new fuse is of the same
type and rating. Without the input fuse, the converter may suffer permanent damages in a reversal situation.
8. REMOTE SENSE
The converter provides regulated outputs at the output terminals. When there is a large current and/or the output cable is of some
length, the voltage at the end of the output cable may be noticeably lower than at the terminals. The converter can compensate up to
0.5V of voltage drop through remote sense terminals. To ensure accurate regulation, run two separate wires (twisted) from the
desired regulation points to the remote sense terminals, as shown below. Even if the load current is low, still connect +Vo to +S and
-Vo to -S.
+Vo
+S
Trim
-S
-Vo
(-)
(+)
Load
FIGURE 2. REMOTE SENSE


Similar Part No. - VHK50W-Q24-S48

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK50W-Q24-S48 CUI-VHK50W-Q24-S48 Datasheet
419Kb / 9P
   DC-DC CONVERTER
VHK50W-Q24-S48-DIN CUI-VHK50W-Q24-S48-DIN Datasheet
596Kb / 9P
   DC-DC CONVERTER
VHK50W-Q24-S48-DIN CUI-VHK50W-Q24-S48-DIN Datasheet
1Mb / 9P
   DC-DC CONVERTER
08/31/2021
More results

Similar Description - VHK50W-Q24-S48

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com