Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHK100W-Q48-S24 Datasheet(PDF) 9 Page - CUI INC

Part # VHK100W-Q48-S24
Description  chassis mount dc-dc converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK100W-Q48-S24 Datasheet(HTML) 9 Page - CUI INC

Back Button VHK100W-Q48-S24 Datasheet HTML 2Page - CUI INC VHK100W-Q48-S24 Datasheet HTML 3Page - CUI INC VHK100W-Q48-S24 Datasheet HTML 4Page - CUI INC VHK100W-Q48-S24 Datasheet HTML 5Page - CUI INC VHK100W-Q48-S24 Datasheet HTML 6Page - CUI INC VHK100W-Q48-S24 Datasheet HTML 7Page - CUI INC VHK100W-Q48-S24 Datasheet HTML 8Page - CUI INC VHK100W-Q48-S24 Datasheet HTML 9Page - CUI INC VHK100W-Q48-S24 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
page
date
DESCRIPTION: chassis mount dc-dc converter
9 of 10
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHK100W
17. INPUT FILTERING AND EMI INTERFERENCE
The VHK100W converters have input capacitors that control input current ripple and the associated EMI interference. However, it
has not been tested to a formal standard for conducted emissions. Additional filtering may be needed to ensure compliance to an
EMI standard. Refer to FIGURE 10.1 and 10.2 for reference circuits.
note: The recommended components are a starting point but not guaranteed for meeting these EMI requirements. More or less
filtering may be required for a specific application or to meet other EMI standards, e.g.MIL-STD-461
3.4 µH
3.4 µH
CASE
+Vo
-Vo
+Vin
C1
-Vin
C2
L1
All 24 V input models
47 µF/50 V
47 µF/50 V
All other 48 V input models
47 µF/100 V 47 µF/100 V
3.4 µH
3.4 µH
VHK100W-Q48-S15
VHK100W-Q48-S3R3
EN55022 class A
C1
C2
L1
47 µF/100 V
47 µF/100 V
NC
NC
FIGURE 10.1. EMI FILTER FOR EN55022 CLASS A
C3
CASE
+Vo
-Vo
+Vin
C1
-Vin
C2
L1
3.4 µH
3.4 µH
All other 24 V input models
220 µF/50 V
NC
NC
4700 pF/2 KV
4700 pF/2 KV
C3
220 µF/50 V
All other 48 V input models 47 µF/100 V 47 µF/100 V
3.4 µH
3.4 µH
VHK100W-Q48-S48
VHK100W-Q24-S48
EN55022 class B
C1
C2
L1
47 µF/100 V
47 µF/100 V
220 µF/50 V
220 µF/50 V
FIGURE 10.2. EMI FILTER FOR EN55022 CLASS B


Similar Part No. - VHK100W-Q48-S24

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK100W-Q48-S24 CUI-VHK100W-Q48-S24 Datasheet
531Kb / 8P
   DC-DC CONVERTER
VHK100W-Q48-S24 CUI-VHK100W-Q48-S24 Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/06/2021
VHK100W-Q48-S24-DIN CUI-VHK100W-Q48-S24-DIN Datasheet
545Kb / 8P
   DC-DC CONVERTER
VHK100W-Q48-S24-DIN CUI-VHK100W-Q48-S24-DIN Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/06/2021
VHK100W-Q48-S24-DIN CUI-VHK100W-Q48-S24-DIN Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/06/2021
More results

Similar Description - VHK100W-Q48-S24

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com