Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHK100W-Q48-S28 Datasheet(PDF) 1 Page - CUI INC

Part # VHK100W-Q48-S28
Description  chassis mount dc-dc converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VHK100W-Q48-S28 Datasheet(HTML) 1 Page - CUI INC

  VHK100W-Q48-S28 Datasheet HTML 1Page - CUI INC VHK100W-Q48-S28 Datasheet HTML 2Page - CUI INC VHK100W-Q48-S28 Datasheet HTML 3Page - CUI INC VHK100W-Q48-S28 Datasheet HTML 4Page - CUI INC VHK100W-Q48-S28 Datasheet HTML 5Page - CUI INC VHK100W-Q48-S28 Datasheet HTML 6Page - CUI INC VHK100W-Q48-S28 Datasheet HTML 7Page - CUI INC VHK100W-Q48-S28 Datasheet HTML 8Page - CUI INC VHK100W-Q48-S28 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
rev.
page
date
page
date
DESCRIPTION: chassis mount dc-dc converter
1 of 10
08/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VHK100W
features
·66-100W isolated output
·Efficiency to 87%
·RoHS Compliant
·4:1 input range
·Regulated output
·Continuous short circuit
protection
·Metal enclosure with integrated
heatsink
·Rugged design
·Over-temperature shutdown
description
The VHK100W series of rugged DC-DC
converters are designed for high
reliability applications, featuring integral
heat sink, over-temperature protection,
over-current protection and input
transient voltage protection. With an
external input fuse, the converter can
protect accidental input polarity reversal.
The wide 4:1 input range (10-36V or 18-
75V) is very useful to stabilize an input
source like batteries in various
discharging and charging conditions.
Additionally, high efficiency, fast
response, tight regulations, remote sense
and remote On/Off control make these
converters very useful in many industrial
and communications applications.
MODEL
input voltage
output
output
input current
efficiency
nominal
range
voltage
current 1
no load2
full load2
typ.3
(V dc)
(V dc)
(V dc)
(A)
(mA)
(mA)
(%)
VHK100W-Q24-S3R3
24
9.0~36.0
3.3
20
35
3438
80
VHK100W-Q24-S5
24
9.0~36.0
5
20
35
5081
82
VHK100W-Q24-S12
24
9.0~36.0
12
8.3
35
4940
84
VHK100W-Q24-S15
24
9.0~36.0
15
6.7
35
4898
85.5
VHK100W-Q24-S24
24
9.0~36.0
24
4.17
35
4905
85
VHK100W-Q24-S28
24
9.0~36.0
28
3.57
35
4151
86
VHK100W-Q24-S48
24
9.0~36.0
48
2.08
35
4952
84
VHK100W-Q48-S3R3
48
18.0~75.0
3.3
20
50
1741
79
VHK100W-Q48-S5
48
18.0~75.0
5
20
50
2465
84.5
VHK100W-Q48-S12
48
18.0~75.0
12
8.3
50
2427
85.5
VHK100W-Q48-S15
48
18.0~75.0
15
6.7
50
2421
86.5
VHK100W-Q48-S24
48
18.0~75.0
24
4.17
50
2397
87
VHK100W-Q48-S28
48
18.0~75.0
28
3.57
50
4151
86
VHK100W-Q48-S48
48
18.0~75.0
48
2.08
50
2447
85
notes:
1. see output derating curves (page 4)
2. input currents are measured at nominal input voltage
3. efficiency is measured at nominal line, full load
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to verify the most up-to-
date product information before placing orders. V-Infinity assumes no liability or responsibility for customer’s applications using V-Infinity products other than repair
or replacing (at V-I’s option) V-Infinity products not meeting V-I’s published specifications. Nothing will be covered outside of standard product warranty.
INPUT
parameter
conditions/description
min
nom
max
units
input voltage range
9
24
36
V dc
18
48
75
V dc
under voltage lockout
24 Vin power up
8.8
V dc
24 Vin power down
8
V dc
48 Vin power up
17
V dc
48 Vin power down
16
V dc
remote on/off control4
section 13 in the application notes
input filter
PI type
notes:
4. add suffix “N” to the model number for negative logic on/off control


Similar Part No. - VHK100W-Q48-S28

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK100W-Q48-S28 CUI-VHK100W-Q48-S28 Datasheet
531Kb / 8P
   DC-DC CONVERTER
VHK100W-Q48-S28 CUI-VHK100W-Q48-S28 Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/06/2021
VHK100W-Q48-S28-DIN CUI-VHK100W-Q48-S28-DIN Datasheet
545Kb / 8P
   DC-DC CONVERTER
VHK100W-Q48-S28-DIN CUI-VHK100W-Q48-S28-DIN Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/06/2021
VHK100W-Q48-S28-DIN CUI-VHK100W-Q48-S28-DIN Datasheet
1Mb / 8P
   DC-DC CONVERTER
09/06/2021
More results

Similar Description - VHK100W-Q48-S28

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com