Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL55112IRTZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL55112IRTZ
Description  High-Speed Dual Precision CCD Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55112IRTZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL55112IRTZ Datasheet HTML 6Page - Intersil Corporation ISL55112IRTZ Datasheet HTML 7Page - Intersil Corporation ISL55112IRTZ Datasheet HTML 8Page - Intersil Corporation ISL55112IRTZ Datasheet HTML 9Page - Intersil Corporation ISL55112IRTZ Datasheet HTML 10Page - Intersil Corporation ISL55112IRTZ Datasheet HTML 11Page - Intersil Corporation ISL55112IRTZ Datasheet HTML 12Page - Intersil Corporation ISL55112IRTZ Datasheet HTML 13Page - Intersil Corporation ISL55112IRTZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN6649.0
September 23, 2009
Application Information
The ISL55112 2+2 CCD device provides four drivers for
horizontal inputs of CCD arrays. It comprises two high
capacitance drivers (H1/H2) and two low capacitive
drivers for handling Reset Gate (RG)/Last H (HL) inputs
of a CCD device.
From an applications and physical routing standpoint, the
H1/H2 (high current drivers) have identical circuitry.
Likewise, the HL/RG (low current drivers) circuitry is the
same internally. In dual device applications, the user is
free to swap driver outputs to accommodate layout
requirements.
The ISL55112 H1/H2 have fast rise / fall times into large
capacitive loads. H1/H2 are designed with short
propagation delays and tightly controlled skew, allowing
the device to be used on large, fast CCD arrays, used in
image processing applications
Supply Voltages
The ISL55112 has three types of pins when it comes to
supply voltages: Logic, driver rails and device bias
connections.
VDD and Ground Supply Connections
The ISL55112 has a logic supply (VDD) that can be set
from 2.7V to 5.5V. Hence the VDD supply voltage sets
the operating thresholds for the digital inputs
H1IN, H2IN, RGIN, HLIN, and EN pins are high speed
digital logic connections. Typically they are logic
connections coming from the master CCD timing
generator. PD should have fast transitions, but should not
run at frequencies above 1Hz.
CCD Driver Rails
Each of the four driver outputs has its own set of high
and low rail supply connections. The positive rail
connections for the drivers are RG_VP, HL_VP, H1_VP,
H2_VP. The negative driver rail connections are RG_VN,
HL_VN, H1_VN, H2_VN. (Note H1_VN = H2_VN and
should always be at the same voltage).
Once the user has defined the “Driver” amplitudes
required by the CCD, Device bias connections, VPLUS and
VSUB must be connected to the maximum and minimum
voltage required.
Device Bias connections
VPLUS should be connected to the most positive voltage.
VSUB should be connected to the most negative voltage.
Accordingly, the VPLUS/ VSUB connections can only be
determined once the CCD device driver output amplitude
requirements have been determined.
Dual Video CCD Connection Considerations
Physical placement that keeps series inductance to a
minimum is important. The ISL55112 design
accommodates dual device placement close to a CCD
device.
H1 / H2 and RG / HL drivers are internally identical. The
user can rotate the device for PCB placement close to a
single CCD with dual-video requirements.
Power Supply Sequencing
The ISL55112 substrate is connected to the VSUB Pin.
Positive Protection is connected to the VPLUS pin.
The system supply GND connection will always be
present, and is the reference to all other supply voltages.
Therefore apply VDD, VPLUS, VSUB followed by the VP,
VN busses. Digital inputs should be driven as soon as all
CCD Array
with Dual
Video Outputs
19
18
17
15
14
13
1
2
3
4
5
6
7
RGIN
H1IN
H2IN
HLIN
RGOUT
HLOUT
H1OUT
H2OUT
RGIN
H1IN
H2IN
HLIN
HLOUT
RGOUT
H1OUT
H2OUT
7
6
5
4
3
2
1
13
14
15
17
18
19
RG_VP
RG_VN
RG_VP
RG_VN
HL_VP
HL_VN
HL_VN
HL_VP
HXVP
HXVP
3.3V
3.3V
PIN 12 (VSUB)
PIN 12 (VSUB)
FIGURE 4. SYMMETRY ACCOMMODATES DUAL DEVICE UTILIZATION WITH A DUAL VIDEO CCD DEVICE
ISL55112


Similar Part No. - ISL55112IRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55110 INTERSIL-ISL55110 Datasheet
305Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
413Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
311Kb / 15P
   Dual, High Speed MOSFET Driver
ISL55110 INTERSIL-ISL55110 Datasheet
434Kb / 18P
   Dual, High Speed MOSFET Driver
logo
Renesas Technology Corp
ISL55110 RENESAS-ISL55110 Datasheet
815Kb / 18P
   Dual, High Speed MOSFET Driver
More results

Similar Description - ISL55112IRTZ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66700P MITSUBISHI-M66700P Datasheet
71Kb / 4P
   DUAL HIGH-SPEED CCD CLOCK DRIVER
M66701P MITSUBISHI-M66701P Datasheet
68Kb / 4P
   DUAL HIGH-SPEED CCD CLOCK DRIVER
logo
Elantec Semiconductor
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Intersil Corporation
EL7243 INTERSIL-EL7243 Datasheet
129Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Elantec Semiconductor
EL7182C ELANTEC-EL7182C Datasheet
183Kb / 8P
   2-Phase, High Speed CCD Driver
logo
Intersil Corporation
EL7182 INTERSIL-EL7182_06 Datasheet
192Kb / 7P
   2-Phase, High Speed CCD Driver
EL7182 INTERSIL-EL7182 Datasheet
91Kb / 5P
   2-Phase, High Speed CCD Driver
logo
Renesas Technology Corp
EL7182 RENESAS-EL7182 Datasheet
457Kb / 7P
   2-Phase, High Speed CCD Driver
logo
Microsemi Corporation
SG1644 MICROSEMI-SG1644 Datasheet
148Kb / 8P
   DUAL HIGH SPEED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com