Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28217 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL28217
Description  40V Precision Low Power Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28217 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL28217 Datasheet HTML 7Page - Intersil Corporation ISL28217 Datasheet HTML 8Page - Intersil Corporation ISL28217 Datasheet HTML 9Page - Intersil Corporation ISL28217 Datasheet HTML 10Page - Intersil Corporation ISL28217 Datasheet HTML 11Page - Intersil Corporation ISL28217 Datasheet HTML 12Page - Intersil Corporation ISL28217 Datasheet HTML 13Page - Intersil Corporation ISL28217 Datasheet HTML 14Page - Intersil Corporation ISL28217 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN6632.2
October 16, 2009
FIGURE 27. AVOL vs TEMPERATURE
FIGURE 28. INPUT VOS vs INPUT COMMON MODE
VOLTAGE, VS = ±15V
FIGURE 29. VOS vs INPUT COMMON MODE VOLTAGE,
VS = ±5V
FIGURE 30. VOUT vs TEMPERATURE
FIGURE 31. VOUT vs TEMPERATURE
FIGURE 32. VOUT vs TEMPERATURE
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise
specified. (Continued)
10000
15000
20000
-50
0
50
100
150
TEMPERATURE (°C)
VO = ±13V
-60
-40
-20
0
20
40
60
80
100
-15
-10
-5
0
5
10
15
VCM (V)
VS = ±15V
+125°C
+25°C
-40°C
-60
-40
-20
0
20
40
60
80
100
-5
-3
-1
1
3
5
VCM (V)
VS = +5V
+125°C
+25°C
-40°C
-14.4
-14.2
-14.0
-13.8
-13.6
-13.4
-13.2
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±15V
RL = 10kΩ
13.2
13.4
13.6
13.8
14.0
14.2
14.4
-50
0
50
100
150
TEMPERATURE (°C)
VS = +15V
RL = 2kΩ
-14.4
-14.2
-14.0
-13.8
-13.6
-13.4
-13.2
-50
0
50
100
150
TEMPERATURE (°C)
VS = +15V
RL = 2kΩ
ISL28117, ISL28217


Similar Part No. - ISL28217

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28217 INTERSIL-ISL28217 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28217 INTERSIL-ISL28217 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28217 INTERSIL-ISL28217 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28217 RENESAS-ISL28217 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28217 INTERSIL-ISL28217 Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
More results

Similar Description - ISL28217

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_10 Datasheet
1Mb / 25P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com