Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5411TILZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5411TILZ
Description  60MHz Rail-to-Rail Input-Output Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5411TILZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5411TILZ Datasheet HTML 7Page - Intersil Corporation EL5411TILZ Datasheet HTML 8Page - Intersil Corporation EL5411TILZ Datasheet HTML 9Page - Intersil Corporation EL5411TILZ Datasheet HTML 10Page - Intersil Corporation EL5411TILZ Datasheet HTML 11Page - Intersil Corporation EL5411TILZ Datasheet HTML 12Page - Intersil Corporation EL5411TILZ Datasheet HTML 13Page - Intersil Corporation EL5411TILZ Datasheet HTML 14Page - Intersil Corporation EL5411TILZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN6837.1
October 8, 2009
Pin Descriptions
EL5411T
(14 LD HTSSOP)
EL5411T
(16 LD TQFN)
PIN
NAME
FUNCTION
EQUIVALENT CIRCUIT
1
15
VOUTA
Amplifier A output
(Reference Circuit 1)
2
1
VINA-
Amplifier A inverting input
(Reference Circuit 2)
3
2
VINA+
Amplifier A non-inverting input
(Reference Circuit 2)
4
3
VS+
Positive power supply
5
4
VINB+
Amplifier B non-inverting input
(Reference Circuit 2)
6
5
VINB-
Amplifier B inverting input
(Reference Circuit 2)
7
6
VOUTB
Amplifier B output
(Reference Circuit 1)
8
7
VOUTC
Amplifier C output
(Reference Circuit 1)
9
8
VINC-
Amplifier C inverting input
(Reference Circuit 2)
10
9
VINC+
Amplifier C non-inverting input
(Reference Circuit 2)
11
10
VS-
Negative power supply (connects to GND for
single supply operation)
12
11
VIND+
Amplifier D non-inverting input
(Reference Circuit 2)
13
12
VIND-
Amplifier D inverting input
(Reference Circuit 2)
14
14
VOUTD
Amplifier D output
(Reference Circuit 1)
13, 16
NC
Not connected
pad
pad
Thermal Pad
Functions as a heat sink.
Connects to most negative potential, VS-
VS+
GND
VS-
CIRCUIT 1
VS+
VS-
CIRCUIT 2
VOUTx
VINx
EL5411T


Similar Part No. - EL5411TILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5411TILZ INTERSIL-EL5411TILZ Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5411TILZ RENESAS-EL5411TILZ Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
More results

Similar Description - EL5411TILZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5211T INTERSIL-EL5211T Datasheet
403Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
EL5111TIWTZ-T7 INTERSIL-EL5111TIWTZ-T7 Datasheet
355Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 27, 2010
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
EL5111T RENESAS-EL5111T Datasheet
689Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Intersil Corporation
EL5111T INTERSIL-EL5111T Datasheet
358Kb / 14P
   60MHz Rail-to-Rail Input-Output Operational Amplifier
logo
Linear Technology
LT6234 LINER-LT6234_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Linear Technology
LT6233-10 LINER-LT6233-10_15 Datasheet
778Kb / 24P
   60MHz, Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com