Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC3225 Datasheet(PDF) 1 Page - auris-GmbH

Part # AC3225
Description  Quartz SMD, Ceramic
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH

AC3225 Datasheet(HTML) 1 Page - auris-GmbH

  AC3225 Datasheet HTML 1Page - auris-GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features:
- SMD
- ultra-thin and small leadless type
- for high mechanical demands available
2.24
AC3225/4
Quartz SMD, Ceramic
auris-GmbH office@auris-gmbh.de www.auris-gmbh.de
All specifications are subject to change without notice.
Specifications
Symbol
AC3225
Frequency range
f
12.000MHz ~ 40.000MHz
Frequency tolerance,Ta=25°C
∆f/f
±20ppm
Load capacitance
CL
10pF ~ series
Temperature tolerance
∆f/f
±20ppm ~ ±30ppm
Temperature range
Storage temperature
TSTG
-55°C ~ +125°C
Operating temperature
TOPR
-20°C~+70°C/-40°C~+85°C
Drive level
Maximum drive level
MDL
500µW
Recommended drive level
RDL
10µW ~ 100µW
Series resistance
R1
As per table
Shunt capacitance
C0
7pF
Insulation resistance
IR
500M Ohm
Aging
∆fA
±5ppm/Year max
25°C ±3°C
Max
Max
Others are offered
Others are offered
Please specify
Please specify
Please specify
Remarks
Fundamental mode
Drawing
Dimensions in mm
AC3225
Soldering Pattern
Order key
Q
- 36.000000M - AC3225/2
- F
- 30
- 50
- D
- 16
- TR
Part
Frequency
Package
Mode of
Frequency
Temperature
Temperature
Load
Option
oscillation
tolerance
tolerance
range
capacitance
Q=Quartz
M=MHz
AC3225/4
F=fund.
±ppm
±ppm
A=
0°C ~ +70°C
pF
TR=Tape and reel
/4 = 4 pads
(25°C)
(Temp. range)
B= -10°C ~ +60°C
SR=series
X=Special options
C= -10°C ~ +70°C
D= -20°C ~ +70°C
E= -40°C ~ +85°C
Resistance of series resonance (ESR)
Frequency (MHz)
Mode
Ohm max
Frequency (MHz)
Mode
Ohm max
12 <= f < 20
Fundamental
120
25 <= f < 30
Fundamental
60
20 <= f < 25
Fundamental
80
30 <= f < 40
Fundamental
50


Similar Part No. - AC3225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AC32 TI-AC32 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Cooper Bussmann, Inc.
AC32 COOPER-AC32 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
TP-Link Technologies Co...
AC3200 TP-LINK-AC3200 Datasheet
2Mb / 7P
   Wireless Tri-Band Gigabit Router
logo
ebm-papst
AC3200J EBMPAPST-AC3200J Datasheet
1Mb / 15P
   ACmaxx / i-maxx
AC3200JH EBMPAPST-AC3200JH Datasheet
205Kb / 1P
   TUBEAXIAL
More results

Similar Description - AC3225

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
HC7050 AURIS-HC7050_1 Datasheet
296Kb / 1P
   Quartz SMD, Ceramic
HC7050 AURIS-HC7050 Datasheet
99Kb / 1P
   Quartz SMD, Ceramic
HC2016 AURIS-HC2016 Datasheet
55Kb / 1P
   Quartz SMD, Ceramic
HC3225 AURIS-HC3225 Datasheet
74Kb / 1P
   Quartz SMD, Ceramic
HC6035 AURIS-HC6035 Datasheet
177Kb / 1P
   Quartz SMD, Ceramic
AC1045 AURIS-AC1045 Datasheet
54Kb / 1P
   Quartz SMD, Ceramic
HC3225 AURIS-HC3225_1 Datasheet
487Kb / 1P
   Quartz SMD, Ceramic
HC4025 AURIS-HC4025_1 Datasheet
496Kb / 1P
   Quartz SMD, Ceramic
HC5032 AURIS-HC5032_1 Datasheet
77Kb / 1P
   Quartz SMD, Ceramic
HC6035 AURIS-HC6035_1 Datasheet
91Kb / 1P
   Quartz SMD, Ceramic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com