Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS355GH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # 1SS355GH
Description  Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

1SS355GH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  1SS355GH Datasheet HTML 1Page - Zowie Technology Corporation 1SS355GH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Zowie Technology Corporation
Switching Diode
1SS355GH
1
2
SOD-323
Zowie Technology Corporation
REV. 0
ANODE
CATHODE
1
2
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted )
NOTES :
Maximum Average Reverse Current at VR= 80V
CHARACTERISTICS
Symbol
UNITS
1.20
0.1
uAmps
Volts
Maximum Instantaneous Forward Voltage at
IF= 100mA
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at 1Sec.
Typical Junction Capacitance between Terminal
(Note 1)
Storage Temperature Range
Maximum Operating Temperature Range
Symbol
VRRM
VRMS
VDC
IO
CJ
TJ
VF
IR
TSTG
IFSM
1SS355GH
1SS355GH
UNITS
90
Volts
Volts
Volts
Amps
63
80
0.1
0.5
3.0
+125
-55 to +125
Amps
pF
Maximum Reverse Recovery Time (Note 2)
TRR
4.0
nSec
oC
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 6.0 volts.
2. Measured at applied froward current of 10mA and reverse voltage of 6.0 volts.
3. ESD sensitive product handling required.
Lead free product
Halogen-free type


Similar Part No. - 1SS355GH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
1SS355GH ZOWIE-1SS355GH Datasheet
126Kb / 4P
   Switching Diode Lead free product Halogen-free type
1SS355GH ZOWIE-1SS355GH_15 Datasheet
126Kb / 4P
   Switching Diode Lead free product Halogen-free type
More results

Similar Description - 1SS355GH

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com