Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC80C51XXX-16AE Datasheet(PDF) 8 Page - TEMIC Semiconductors

Part # TSC80C51XXX-16AE
Description  CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80C51XXX-16AE Datasheet(HTML) 8 Page - TEMIC Semiconductors

Back Button TSC80C51XXX-16AE Datasheet HTML 4Page - TEMIC Semiconductors TSC80C51XXX-16AE Datasheet HTML 5Page - TEMIC Semiconductors TSC80C51XXX-16AE Datasheet HTML 6Page - TEMIC Semiconductors TSC80C51XXX-16AE Datasheet HTML 7Page - TEMIC Semiconductors TSC80C51XXX-16AE Datasheet HTML 8Page - TEMIC Semiconductors TSC80C51XXX-16AE Datasheet HTML 9Page - TEMIC Semiconductors TSC80C51XXX-16AE Datasheet HTML 10Page - TEMIC Semiconductors TSC80C51XXX-16AE Datasheet HTML 11Page - TEMIC Semiconductors TSC80C51XXX-16AE Datasheet HTML 12Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TSC80C31/80C51
Rev. E (14 Jan.97)
8
MATRA MHS
TSC80C31/80C51 with Secret TAG
TEMIC offers special 64-bit identifier called “SECRET
TAG” on the microcontroller chip.
The Secret Tag option is available on both ROMless and
masked microcontrollers.
The Secret Tag feature allows serialization of each
microcontroller
for
identification
of
a
specific
equipment. A unique number per device is implemented
in the chip during manufacturing process. The serial
number is a 64-bit binary value which is contained and
addressable in the Special Function Registers (SFR) area.
This Secret Tag option can be read-out by a software
routine and thus enables the user to do an individual
identity check per device. This routine is implemented
inside the microcontroller ROM memory in case of
masked version which can be kept secret (and then the
value of the Secret Tag also) by using a ROM Encryption.
For further information, please refer to the application
note (ANM031) available upon request.


Similar Part No. - TSC80C51XXX-16AE

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
TSC80251-SK TEMIC-TSC80251-SK Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251-SK TEMIC-TSC80251-SK Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
TSC80251A1-A16CBR TEMIC-TSC80251A1-A16CBR Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
More results

Similar Description - TSC80C51XXX-16AE

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com