Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACZ11BR5E-15S-D1-12 Datasheet(PDF) 1 Page - CUI INC

Part # ACZ11BR5E-15S-D1-12
Description  mechanical incremental encoder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

ACZ11BR5E-15S-D1-12 Datasheet(HTML) 1 Page - CUI INC

  ACZ11BR5E-15S-D1-12 Datasheet HTML 1Page - CUI INC ACZ11BR5E-15S-D1-12 Datasheet HTML 2Page - CUI INC ACZ11BR5E-15S-D1-12 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date
page
10/2009
1 of 3
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.cui.com
SERIES:
DESCRIPTION: mechanical incremental encoder
ACZ11
ELECTRICAL SPECIFICATIONS
parameter
conditions/description
output waveform
square wave
output signals
A, B phase
current consumption
10 mA
output phase difference
T1, T2, T3, T4 ≥ 3.5 ms @ 60 rpm (see output waveform)
supply voltage
5 V dc max.
output resolution
12, 15, 20, 30 ppr
switch rating
12 V dc, 50 mA (ACZ11BRXE models only)
insulation resistance
300 V dc, 100 MΩ
withstand voltage
300 V ac
MECHANICAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
shaft load
axial
8
kgf
rotational torque
with detent click
without detent click
60
60
140
80
220
100
gf•cm
gf•cm
push switch operational force
(ACZ11BRXE models only)
300
900
gf•cm
push switch life
(ACZ11BRXE models only)
50,000
cycles
rotational life
30,000
cycles
ENVIRONMENTAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
operating temperature
-10
65
°C
storage temperature
-40
75
°C
humidity
85
% RH
vibration
0.75 mm max. travel for 2 hours
10
55
Hz
PART NUMBER KEY
ACZ11 X BR X E- XX XX -X1- XXX
Version:
“blank” = switch
N = no switch
Resolution (ppr):
12 = 12 ppr, no detent
12C = 12 ppr, 12 detent
15 = 15 ppr, no detent
30C15P = 15 ppr, 30 detent
20 = 20 ppr, no detent
20C = 20 ppr, 20 detent
30 = 30 ppr, no detent
30C = 30 ppr, 30 detent
Bushing:
1 = M7 x 0.75 (H = 5)
2 = M7 x 0.75 (H = 7)
4 = smooth (H = 5)
5 = smooth (H = 7)
Shaft length:
15, 20, 25
Shaft type:
KQ, S, F
Mounting orientation:
A = Horizontal
D = Vertical


Similar Part No. - ACZ11BR5E-15S-D1-12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ACZ11 BEL-ACZ11 Datasheet
201Kb / 3P
   mec hanic al incr emen tal encoder
logo
CUI INC
ACZ11 CUI-ACZ11 Datasheet
357Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ11NBR1E-15FA112 CUI-ACZ11NBR1E-15FA112 Datasheet
357Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ11NBR1E-15FA112C CUI-ACZ11NBR1E-15FA112C Datasheet
357Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ11NBR1E-15FA115 CUI-ACZ11NBR1E-15FA115 Datasheet
357Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
06/15/2020
More results

Similar Description - ACZ11BR5E-15S-D1-12

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ16 CUI-ACZ16_10 Datasheet
106Kb / 3P
   mechanical incremental encoder
ACZ09 CUI-ACZ09 Datasheet
126Kb / 3P
   MECHANICAL INCREMENTAL ENCODER
ACZ16 CUI-ACZ16_V01 Datasheet
428Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
07/14/2020
ACZ11 CUI-ACZ11_V01 Datasheet
357Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ09 CUI-ACZ09_V01 Datasheet
274Kb / 4P
   MECHANICAL INCREMENTAL ENCODER
08/10/2021
logo
Wurth Elektronik GmbH &...
482009514001 WURTH-482009514001 Datasheet
613Kb / 8P
   WS-ENTV Mechanical Incremental Encoder Switch
002.001
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com