Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTL16R015JLV Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # CTL16R015JLV
Description  CURRENT SENSE RESISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CTL16R015JLV Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  CTL16R015JLV Datasheet HTML 1Page - American Accurate Components, Inc. CTL16R015JLV Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
American Accurate Components, Inc.
CURRENT SENSE RESISTORS
The content of this specification may change without notification 06/08/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
CTL05/CTL16/CTL10/CTL18/CTL12/CTL01 Series Chip Resistor
HOW TO ORDER
CTL
10
R015
F
J
M
Packaging
M = 7” Reel (10” Reel for 2512)
V = 13” Reel
TCR (ppm/
°C)
J = +75
K = +100
L = +200
N = +350
P = +500
Tolerance (%)
F =
± 1.0
G =
± 2.0
J =
± 5.0
EIA Resistance Code
Three significant digits and # of zeros
Size
05 = 0402
16 = 0603
10 = 0805
18 = 1206
12 = 2010
01 = 2512
Series
Precision Current Sense Resistor
DIMENSIONS (mm)
Series
Size
L
W
c
t
CTL05
0402
1.00 + 0.10
0.50 + 0.10
0.20 + 0.10
0.35 + 0.10
CTL16
0603
1.60 + 0.10
0.80 + 0.10
0.20 + 0.10
0.45 + 0.10
CTL10
0805
2.00 + 0.20
1.25 + 0.20
0.60 + 0.15
0.50 + 0.15
CTL18
1206
3.20 + 0.20
1.60 + 0.15
1.00 + 0.15
0.50 + 0.15
CTL12
2010
5.00 + 0.20
2.50 + 0.20
1.70 + 0.15
0.50 + 0.15
CTL01
2512
6.40 + 0.20
3.20 + 0.20
2.00 + 0.15
0.50 + 0.15
ELECTRICAL CHARACTERISTICS
Max TCR (ppm/
°C)
Size
Rated
Power
Tol
±75ppm
±100ppm
±200ppm
±350ppm
±500ppm
Max
Working
Voltage
Max
Overload
Voltage
2%
0.100 ~ 4.70
0402
.125W
5%
0.100 ~ 4.70
25V
50V
1%
0.100 ~ 0.680
2%
0.100 ~ 0.680
0603
.125W
5%
0.100 ~ 0.680
50V
100V
1%
0.100 ~ 0.500
0.022 ~ 0.080
0.01 ~ 0.039
2%
0.022 ~ 0.080
0.01 ~ 0.039
0805
.250W
5%
0.022 ~ 0.080
0.022 ~ 0.068
150V
300V
.5%
0.100 ~ 0.500
0.068 ~ 0.470
0.033 ~ 0.047
0.018 ~ 0.027
1%
0.056 ~ 0.470
0.033 ~ 0.047
0.027
1206
.50W
2%
0.056 ~ 0.470
0.033 ~ 0.047
0.018 ~ 0.027
0.01 ~ 0.015
200V
400V
.5%
1%
0.100 ~ 0.500
0.056 ~ 0.470
0.001 ~ 0.0649
0.027
2010
.75W
2%
0.056 ~ 0.470
0.001 ~ 0.0649
0.018 ~ 0.027
0.01 ~ 0.015
200V
400V
.5%
0.056 ~ 0.470
0.001 ~ 0.0649
0.018 ~ 0.027
1%
0.100 ~ 0.500
0.056 ~ 0.470
0.001 ~ 0.0649
0.027
2512
1.0W
2%
0.056 ~ 0.470
0.001 ~ 0.0649
0.018 ~ 0.027
0.01 ~ 0.015
200V
400V
NOTE: The temperature range is -55
°C ~ +150°C
Rated Voltage =
P*R
FEATURES
Resistance as low as 0.001 ohms
Ultra Precision type with high reliability, stability
and quality
RoHS Compliant
Extremely Low TCR, as low as + 75 ppm
Wrap Around Terminal for Flow Soldering
Anti-Leaching Nickel Barrier Terminations
ISO 9002 Quality Certified
Applicable Specifications: EIA575, IEC 60115-1,
JISC5201-1, CECC 40401, MIL-R-55342D
SCHEMATIC


Similar Part No. - CTL16R015JLV

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTL130PS10-T52 CTMICRO-CTL130PS10-T52 Datasheet
795Kb / 11P
   P-Channel Enhancement MOSFET
CTL147NS10-T52 CTMICRO-CTL147NS10-T52 Datasheet
811Kb / 11P
   N-Channel Enhancement MOSFET
CTL190NS10-T52 CTMICRO-CTL190NS10-T52 Datasheet
815Kb / 11P
   N-Channel Enhancement MOSFET
More results

Similar Description - CTL16R015JLV

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Bourns Electronic Solut...
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
   Current Sense Resistors
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
logo
List of Unclassifed Man...
SR10 ETC2-SR10 Datasheet
327Kb / 1P
   Precision Current Sense Resistors
logo
Ohmite Mfg. Co.
TGHG OHMITE-TGHG Datasheet
345Kb / 2P
   Precision Current Sense Resistors
TGHGCR0005FE OHMITE-TGHGCR0005FE Datasheet
106Kb / 1P
   Precision Current Sense Resistors
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
   METAL FOIL CURRENT SENSE RESISTORS
logo
Tyco Electronics
SBL4R051J MACOM-SBL4R051J Datasheet
439Kb / 1P
   Low Ohmic - Current Sense Resistors
logo
Token Electronics Indus...
TCS02 TOKEN-TCS02 Datasheet
420Kb / 5P
   TCS Current Sense Chip Resistors
logo
RHOPOINT COMPONENTS
SMK-R010-5.0 RHOPOINT-SMK-R010-5.0 Datasheet
140Kb / 3P
   Precision Resistors for Current Sense
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com