Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54HT1GH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # BAT54HT1GH
Description  Schottky Barrier Diode Lead free product Halogen-free type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

BAT54HT1GH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  BAT54HT1GH Datasheet HTML 1Page - Zowie Technology Corporation BAT54HT1GH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Zowie Technology Corporation
Schottky Barrier Diode
Lead free product
Halogen-free type
BAT54HT1GH
1
2
SOD-323
Rating
Symbol
Value
Unit
Characteristic
Continuous Reverse Voltage
VR
30
Vdc
Characteristic
Symbol
Max.
Unit
Total Device Dissipation FR-5 Board, TA=25
o
C
Derate above 25
o
C
PD
200
1.57
mW
mW /
oC
( IF=0.1 mAdc )
( IF=1.0 mAdc )
( IF=10 mAdc )
( IF=30 mAdc )
( IF=100 mAdc )
Thermal Resistance, Junction to Ambient
635
oC / W
MAXIMUM RATINGS
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
OFF CHARACTERISTICS
R JA
Junction and Storage Temperature
( VR=25 Vdc )
Reverse Voltage Leakage Current
Reverse Breakdown Voltage ( IR=10uAdc )
Repetitive Peak Forward Current
Junction Capacitance ( VR=1.0V, f=1.0MHZ )
Symbol
V(BR)
IR
IFRM
IFRM
CJ
trr
Min.
-
-
-
-
-
30
-
-
-
-
-
Max.
0.24
0.32
0.40
0.50
1.00
-
2.0
300
600
10
5.0
Typ.
0.22
0.29
0.35
0.41
0.52
-
0.5
-
-
7.6
-
Unit
Vdc
Forward Voltage
VF
Vdc
uAdc
mAdc
Forward Current ( DC )
IF
-
200
-
mAdc
mAdc
pF
nS
Reverse Recovery Time ( IF=IR=10 mAdc, IR(REC)=1.0mAdc )
150
oC
TJ,TSTG
Non-Repetitive Peak Forward Current ( t < 1.0 s )
Zowie Technology Corporation
REV. 0
ANODE
CATHODE
1
2
30 VOLTS
SCHOTTKY BARRIER
DETECTOR AND SWITCHING
DIODE


Similar Part No. - BAT54HT1GH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
46Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 3
logo
Fairchild Semiconductor
BAT54HT1G FAIRCHILD-BAT54HT1G Datasheet
106Kb / 4P
   Small Signal Diode
logo
ON Semiconductor
BAT54HT1G ONSEMI-BAT54HT1G Datasheet
119Kb / 4P
   Schottky Barrier Diodes
November, 2011 ??Rev. 6
logo
SUNMATE electronic Co.,...
BAT54HT1G SUNMATE-BAT54HT1G Datasheet
318Kb / 2P
   200mA Surface Mount Schottky Barrier Diode
logo
Fairchild Semiconductor
BAT54HT1G FAIRCHILD-BAT54HT1G Datasheet
167Kb / 5P
   Schottky Barrier Diodes
More results

Similar Description - BAT54HT1GH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BAT54RAGH ZOWIE-BAT54RAGH Datasheet
232Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RSGH ZOWIE-BAT54RSGH Datasheet
81Kb / 3P
   Schottky Barrier Diode Lead free product Halogen - free type
RB491DGH ZOWIE-RB491DGH Datasheet
48Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54WGH ZOWIE-BAT54WGH Datasheet
121Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
RB521S-30GH ZOWIE-RB521S-30GH Datasheet
359Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54CWGH ZOWIE-BAT54CWGH Datasheet
49Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RGH ZOWIE-BAT54RGH Datasheet
128Kb / 4P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54RCGH ZOWIE-BAT54RCGH Datasheet
46Kb / 2P
   Schottky Barrier Diode Lead free product Halogen-free type
BAT54SWGH ZOWIE-BAT54SWGH Datasheet
51Kb / 2P
   Schottky Barrier Diode Lead free product Halogen - free type
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com