Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTL16R015GNV Datasheet(PDF) 2 Page - American Accurate Components, Inc.

Part # CTL16R015GNV
Description  CURRENT SENSE RESISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

CTL16R015GNV Datasheet(HTML) 2 Page - American Accurate Components, Inc.

  CTL16R015GNV Datasheet HTML 1Page - American Accurate Components, Inc. CTL16R015GNV Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
American Accurate Components, Inc.
CURRENT SENSE RESISTORS
The content of this specification may change without notification 06/08/07
188 Technology Drive, Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
2
CTL05/CTL16/CTL10/CTL18/CTL12/CTL01 Series Chip Resistor
PERFORMANCE
Maximum
∆ Ω
Test Item
F
G, J
Condition
Short Time Overload
± 0.1%
± 0.5%
2.5 times of the rated voltage shall be applied for 5 seconds
Load Life
± 0.25%
± 0.5%
The resistor shall be subjected to rated voltage for 90 min. followed by a pause of 30
min. at a temperature of 70±3ºC. This constitutes 1 cycle. Cycles shall be repeated for
1000 hours.
Moisture Load Life
± 0.25%
± 0.5%
The resistor subjected to rated voltage for 90 min followed by a pause for 30 min at a
temperature of 60±2ºC with relative humidity of 90% to 95%. This constitutes 1 cycles.
Cycles shall be repeated for 1000 hours.
Temperature Cycle
± 0.1%
± 0.5%
[-55ºC 30 min
→ +125ºC 30 min → R.T. 3 min] The resistor shall be subjected to 5
continuous cycles
Resistance to Solder
Heat
± 0.1%
± 0.5%
The resistor shall withstand dipped into solder for 10±1 sec. At 260±5ºC
Terminal Strength
± 0.1%
± 0.5%
Distance between fulcrums: 90mm; Bending width: 3 mm
Insulation Resistance
DC 500V for 1 min.
1000 Meg
Ω or over
Solderability
A new uniform coating of solder shall cover minimum of 95% of surface being immersed
The resistor shall be dipped into the solder of 215±5ºC for 3±0.5 seconds
PACKAGE QUANTITY
Package Type
CTL05
CTL16
CTL10
CTL18
CTL12
CTL01
CTL1S
M
10,000
5,000
5,000
5,000
5,000
5,000
2,000
TAPE SCHEMATIC
REEL SCHEMATIC
TAPE DIMENSIONS (mm)
A
B
W
E
F
P1
T
Tp
CTL05
0.65
±0.1
1.15
±0.1
8.0
±0.2
1.75
±0.10
3.5
±0.05
2.0
±0.05
0.55
±0.1
0.20
±0.05
CTL16
1.1
±0.2
1.9
±0.2
8.0
±0.2
1.75
±0.1
3.5
±0.05
4.0
±0.1
0.70
±0.1
0.20
±0.05
CTL10
1.65
±0.2
2.4
±0.2
8.0
±0.2
1.75
±0.1
3.5
±0.05
4.0
±0.1
0.85
±0.1
0.20
±0.05
CTL18
2.0
±0.15
3.6
±0.15
8.0
±0.2
1.75
±0.1
3.5
±0.05
4.0
±0.1
0.85
±0.1
0.20
±0.05
CTL12
2.9
±0.1
5.3
±0.1
12.0
±0.2
1.75
±0.1
5.5
±0.05
4.0
±0.1
1.0
±0.1
0.25
±0.1
CTL01
3.4
±0.1
6.6
±0.1
12.0
±0.2
1.75
±0.1
5.5
±0.05
4.0
±0.1
1.0
±0.1
0.25
±0.1
CTL1S
3.4
±0.1
6.6
±0.1
12.0
±0.2
1.75
±0.1
5.5
±0.05
4.0
±0.1
1.0
±0.1
0.25
±0.1
REEL DIMENSIONS (mm)
Reel
M
H
C
G
E
F
7”
180
± 3.0
1.20
13.0
± 0.2
9.0
± 0.3
60
± 1.0
11.4
± 1.0
10”
13”
* The suffix “L” indicates that this item is lead free. As of September 2004, all new
production items of this are lead free and in compliance with Lead Free/RoHS.
LABEL DESCRIPTION
One side surface of a reel is marked with a label
with the following items of information.
1.
Chip Resistor
2.
Part Number
3.
Tolerance
4.
Quantity
5.
Lot # for production month/year/suffix L*
6.
Manufacturer’s name or symbol


Similar Part No. - CTL16R015GNV

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTL130PS10-T52 CTMICRO-CTL130PS10-T52 Datasheet
795Kb / 11P
   P-Channel Enhancement MOSFET
CTL147NS10-T52 CTMICRO-CTL147NS10-T52 Datasheet
811Kb / 11P
   N-Channel Enhancement MOSFET
CTL190NS10-T52 CTMICRO-CTL190NS10-T52 Datasheet
815Kb / 11P
   N-Channel Enhancement MOSFET
More results

Similar Description - CTL16R015GNV

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Bourns Electronic Solut...
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
   Current Sense Resistors
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
logo
List of Unclassifed Man...
SR10 ETC2-SR10 Datasheet
327Kb / 1P
   Precision Current Sense Resistors
logo
Ohmite Mfg. Co.
TGHG OHMITE-TGHG Datasheet
345Kb / 2P
   Precision Current Sense Resistors
TGHGCR0005FE OHMITE-TGHGCR0005FE Datasheet
106Kb / 1P
   Precision Current Sense Resistors
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
   METAL FOIL CURRENT SENSE RESISTORS
logo
Tyco Electronics
SBL4R051J MACOM-SBL4R051J Datasheet
439Kb / 1P
   Low Ohmic - Current Sense Resistors
logo
Token Electronics Indus...
TCS02 TOKEN-TCS02 Datasheet
420Kb / 5P
   TCS Current Sense Chip Resistors
logo
RHOPOINT COMPONENTS
SMK-R010-5.0 RHOPOINT-SMK-R010-5.0 Datasheet
140Kb / 3P
   Precision Resistors for Current Sense
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com