Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC20DH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # GC20DH
Description  Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

GC20DH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  GC20DH Datasheet HTML 1Page - Zowie Technology Corporation GC20DH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(200V~1000V / 2.0A)
GC20DH THRU GC20MH
Rectifier Diode
* Halogen-free type
* Lead free product, compliance to RoHS
* GPRC (Glass passivated rectifier chip) inside
* Glass passivated cavity-free junction
* Lead less chip form, no lead damage
* Low forward voltage drop
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* General purpose rectification
* Surge absorption
APPLICATION
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Cathode Band, Laser marking
Weight : 0.02 gram
MECHANICAL DATA
2009/08
REV. 1
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
GC20DH
200
GC20GH
400
GC20JH
600
GC20KH
800
GC20MH
1000
V
IF(AV)
IFSM
A
Tj
TSTG
50
-65 to +175
-65 to +175
ITEM
Average forward current
Symbol
Unit
Peak forward surge current (8.3ms single half sine-wave)
Operating junction temperature Range
Rating
2.0
Repetitive peak reverse voltage
Storage temperature Range
oC
Electrical characteristics (Ta = 25
o
C)
ITEM
Symbol
Conditions
Min.
Typ.
Max.
Unit
-
85
-
Rth(JA)
Junction to ambient (NOTE)
Thermal resistance
oC/W
-
16
-
Rth(JL)
Junction to lead (NOTE)
pF
-
15
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
0.10
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
VF
IF = 2.0A
V
-
0.96
1.00
Forward voltage
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 4 reels per box
* 6 boxes per carton
PACKING
Unit : mm
OUTLINE DIMENSIONS
MARKING
Cathode mark
Amps class
Series code
Voltage class
GC
20D
JEDEC : SMA
DO-214AC
0.50
0.95 ± 0.2
0.95 ± 0.2
4.5 ± 0.1
0.05
Case : 2010
NOTES : (1) Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
(2) Preliminary draft.
Voltage class: D = 200V, G = 400V
J = 600V, K = 800V, M = 1000V
.
Halogen-free type


Similar Part No. - GC20DH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GC20DLH ZOWIE-GC20DLH Datasheet
48Kb / 2P
   Low VF Rectifier Diode
GC20DLH ZOWIE-GC20DLH Datasheet
64Kb / 2P
   Low VF Rectifier Diode
GC20DLH ZOWIE-GC20DLH_11 Datasheet
64Kb / 2P
   Low VF Rectifier Diode
More results

Similar Description - GC20DH

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com