Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68000 Datasheet(PDF) 7 Page - Motorola, Inc

Part # M68000
Description  Addendum to M68000 User Manual
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68000 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button M68000 Datasheet HTML 3Page - Motorola, Inc M68000 Datasheet HTML 4Page - Motorola, Inc M68000 Datasheet HTML 5Page - Motorola, Inc M68000 Datasheet HTML 6Page - Motorola, Inc M68000 Datasheet HTML 7Page - Motorola, Inc M68000 Datasheet HTML 8Page - Motorola, Inc M68000 Datasheet HTML 9Page - Motorola, Inc M68000 Datasheet HTML 10Page - Motorola, Inc M68000 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
M68000 USER’S MANUAL ADDENDUM
MOTOROLA
After the previous steps are completed, the MC68SEC000 will remain in the low-power mode until it
recognizes the appropriate interrupt . External logic will also have to poll IPLB2–IPLB0 to detect the proper
interrupt. When the correct interrupt level is received, the following steps will bring the processor out of the
low-power mode:
1.
Restart the system clock if it was stopped.
2.
Wait for the system clock to become stable.
3.
Assert the RESTART signal. This will cause the processor’s clock to start on the next falling edge of
the system clock. Figure 6 shows the timing for bringing the processor out of the low-power mode.
Both the RESTART and RESET signals are subject to the asynchronous setup time as specified in
the Electrical Characteristics section of this addendum.
WARNING
The system clock must be stable before the RESTART signal is asserted
to prevent glitches in the clock. An unstable clock can cause unpredictable
results in the MC68SEC000.
Figure 6. MC68SEC000 Clock Start Timing
4.
If the MC68SEC000 was placed in a three-state condition, the BR signal must be negated before the
processor can begin executing instructions.
CLK
CPU_CLK
RESTART


Similar Part No. - M68000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M68000 ETC1-M68000 Datasheet
278Kb / 5P
   16-bit Microprocessor Megafunction
logo
Freescale Semiconductor...
M68000 FREESCALE-M68000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Motorola, Inc
M68000 MOTOROLA-M68000 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
logo
Freescale Semiconductor...
M68000 FREESCALE-M68000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Motorola, Inc
M68000AD MOTOROLA-M68000AD Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
More results

Similar Description - M68000

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
   User Manual
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
   User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
   USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
   User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
   User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
   M68060 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
   WIZ820io User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
   LPC800 User manual
Rev. 1.0-7 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com