Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z3B3H Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # MM3Z3B3H
Description  SILICON PLANAR ZENER DIODES Halogen-free type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MM3Z3B3H Datasheet(HTML) 1 Page - Zowie Technology Corporation

  MM3Z3B3H Datasheet HTML 1Page - Zowie Technology Corporation MM3Z3B3H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MM3Z2B4H~MM3ZB75H
SILICON PLANAR ZENER DIODES
Features
• Power Dissipation: 300 mW
• Zener Voltage Tolerance: ± 2%
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Total Power Dissipation
Ptot
300
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RθJA
625
O
C/W
Forward Voltage
at IF = 10 mA
VF
0.9
V
Anode
2
Top View
Simplified outline SOD-323 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
Zowie Technology Corporation
Zowie Technology Corporation
REV. 0
Halogen-free type


Similar Part No. - MM3Z3B3H

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM3Z3B3 SEMTECH_ELEC-MM3Z3B3 Datasheet
208Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3Z3B3 HTSEMI-MM3Z3B3 Datasheet
503Kb / 3P
   Silicon Planar Zener Diodes
logo
Sangdest Microelectroni...
MM3Z3B3 SMC-MM3Z3B3 Datasheet
166Kb / 5P
   ZENER DIODES
logo
Diotec Semiconductor
MM3Z3B3 DIOTEC-MM3Z3B3 Datasheet
103Kb / 2P
   Surface mount Silicon Planar Zener Diodes
logo
Surge Components
MM3Z3B3 SURGE-MM3Z3B3 Datasheet
564Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - MM3Z3B3H

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MM1Z2B4H ZOWIE-MM1Z2B4H Datasheet
167Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
MM1Z5221BH ZOWIE-MM1Z5221BH Datasheet
278Kb / 3P
   SILICON PLANAR ZENER DIODES Lead free product Halogen - free type
logo
Panasonic Semiconductor
MA3180 PANASONIC-MA3180 Datasheet
108Kb / 7P
   Zener Diodes Silicon planar type
MAZ4020 PANASONIC-MAZ4020 Datasheet
117Kb / 5P
   Zener Diodes Silicon planar type
MAZ7051 PANASONIC-MAZ7051 Datasheet
96Kb / 4P
   Zener Diodes Silicon planar type
logo
Zowie Technology Corpor...
LL4148GH ZOWIE-LL4148GH Datasheet
659Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE Halogen-free type Lead free product
logo
New Jersey Semi-Conduct...
RD2.0E NJSEMI-RD2.0E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com