Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3ZB13H Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # MM3ZB13H
Description  SILICON PLANAR ZENER DIODES Halogen-free type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MM3ZB13H Datasheet(HTML) 2 Page - Zowie Technology Corporation

  MM3ZB13H Datasheet HTML 1Page - Zowie Technology Corporation MM3ZB13H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MM3Z2B4H~MM3ZB75H
Zener Voltage Range
1)
Dynamic Impedance
Reverse Leakage Current
lZT
for
VZT
ZZT (Max.)
at IZ
IR (Max.)
at VR
Type
Marking
Code
Vznom
V
mA
mA
V
MM3Z2B4H
DN
2.4
5
2.352…2.448
100
5
120
1
MM3Z2B7H
DP
2.7
5
2.646…2.754
110
5
120
1
MM3Z3B0H
DR
3.0
5
2.94…3.06
120
5
50
1
MM3Z3B3H
DX
3.3
5
3.234…3.366
130
5
20
1
MM3Z3B6H
DY
3.6
5
3.528…3.672
130
5
10
1
MM3Z3B9H
DZ
3.9
5
3.822…3.978
130
5
5
1
MM3Z4B3H
Z0
4.3
5
4.214…4.386
130
5
5
1
MM3Z4B7H
EB
4.7
5
4.606…4.794
130
5
2
1
MM3Z5B1H
EC
5.1
5
4.998…5.202
130
5
2
1.5
MM3Z5B6H
7P
5.6
5
5.488…5.712
80
5
1
2.5
MM3Z6B2H
EE
6.2
5
6.076…6.324
6.664…6.936
50
30
5
1
3
MM3Z6B8H
EF
6.8
5
5
0.5
3.5
MM3Z7B5H
EH
7.5
5
7.35…7.65
30
5
0.5
4
MM3Z8B2H
EJ
8.2
5
8.036…8.364
30
5
0.5
5
MM3Z9B1H
EK
9.1
5
8.918…9.282
30
5
0.5
6
MM3ZB10H
EM
10
5
9.8…10.2
30
5
0.1
7
MM3ZB11H
EN
11
5
10.78…11.22
30
5
0.1
8
MM3ZB12H
EP
12
5
11.76…12.24
35
5
0.1
9
MM3ZB13H
ER
13
5
12.74…13.26
35
5
0.1
10
MM3ZB15H
EX
15
5
14.7…15.3
40
5
0.1
11
MM3ZB16H
EY
16
5
15.68…16.32
40
5
0.1
12
MM3ZB18H
EZ
18
5
17.64…18.36
45
5
0.1
13
MM3ZB20H
FA
20
5
19.6…20.4
50
5
0.1
15
MM3ZB22H
FB
22
5
21.56…22.44
55
5
0.1
17
MM3ZB24H
FC
24
5
23.52…24.48
60
5
0.1
19
MM3ZB27H
FD
27
5
26.46…27.54
70
2
0.1
21
MM3ZB30H
FE
30
5
5
29.4…30.6
80
2
0.1
23
MM3ZB33H
FF
33
32.34…33.66
80
2
0.1
25
MM3ZB36H
FH
36
5
35.28…36.72
90
2
0.1
27
MM3ZB39H
FJ
39
2.5
38.22…39.78
100
2
2
2
2
2
2
2
2
2
30
MM3ZB43H
XJ
43
2.5
42.14…43.86
130
2
33
MM3ZB47H
XK
47
2.5
46.06…47.94
150
2
36
MM3ZB51H
XM
51
2.5
49.98…52.02
180
1
39
MM3ZB56H
XN
56
2.5
54.88…57.12
180
1
43
MM3ZB62H
XP
62
2.5
60.76…63.24
200
0.2
47
MM3ZB68H
XR
68
2.5
66.64…69.36
250
0.2
52
MM3ZB75H
XX
75
2.5
73.5…76.5
300
0.2
57
1) V
Z is tested with pulses (20 ms).
Ambient Temperature: Ta ( C)
O
0
25
100
150
0
100
200
300
Derating Curve
Zowie Technology Corporation
REV. 0
Zowie Technology Corporation
V
µA


Similar Part No. - MM3ZB13H

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM3ZB13 SEMTECH_ELEC-MM3ZB13 Datasheet
208Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3ZB13 HTSEMI-MM3ZB13 Datasheet
503Kb / 3P
   Silicon Planar Zener Diodes
logo
Sangdest Microelectroni...
MM3ZB13 SMC-MM3ZB13 Datasheet
166Kb / 5P
   ZENER DIODES
logo
Surge Components
MM3ZB13 SURGE-MM3ZB13 Datasheet
564Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - MM3ZB13H

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
MM1Z2B4H ZOWIE-MM1Z2B4H Datasheet
167Kb / 2P
   SILICON PLANAR ZENER DIODES Halogen-free type
MM1Z5221BH ZOWIE-MM1Z5221BH Datasheet
278Kb / 3P
   SILICON PLANAR ZENER DIODES Lead free product Halogen - free type
logo
Panasonic Semiconductor
MA3180 PANASONIC-MA3180 Datasheet
108Kb / 7P
   Zener Diodes Silicon planar type
MAZ4020 PANASONIC-MAZ4020 Datasheet
117Kb / 5P
   Zener Diodes Silicon planar type
MAZ7051 PANASONIC-MAZ7051 Datasheet
96Kb / 4P
   Zener Diodes Silicon planar type
logo
Zowie Technology Corpor...
LL4148GH ZOWIE-LL4148GH Datasheet
659Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE Halogen-free type Lead free product
logo
New Jersey Semi-Conduct...
RD2.0E NJSEMI-RD2.0E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com