Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7SH08XB Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM7SH08XB
Description  HIGH SPEED CMOS LOGIC IC 2-input AND gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM7SH08XB Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM7SH08XB Datasheet HTML 1Page - ELM Technology Corporation ELM7SH08XB Datasheet HTML 2Page - ELM Technology Corporation ELM7SH08XB Datasheet HTML 3Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
* Cpd is IC's inner equivalent capacity which is calculated from non-loaded operating current consumption referred to test circuit.
Averaged operating current consumption at non load is calculated as following formula: Idd(opr)=Cpd・Vdd・fin+Idd
HIGH SPEED CMOS LOGIC IC
ELM7SH08xB 2-input AND gate
■AC electrical characteristics
■Test circuit
■Measured wave pattern
■Marking
* Output should be opened when measuring current consumption.
tr=tf=3ns
SOT-25
No.
Mark
Content
F
ELM7SH series
2
ELM7SH08xB
A~Z
(except I, O, X)
Lot No.
SSOT-25
Parameter
Sym.
Vdd
CL
Top=25℃
Top=-40~+85℃
Unit
Condition
Min.
Typ.
Max.
Min.
Max.
Propagation
delay-time
tPLH
3.3±0.3
15
3.7
8.8
1.0
10.5
ns
Refer to
test circuit
tPHL
3.2
8.8
1.0
10.5
tPLH
3.3±0.3
50
5.2
12.3
1.0
14.0
tPHL
4.5
12.3
1.0
14.0
tPLH
5.0±0.5
15
2.8
5.9
1.0
7.0
tPHL
2.4
5.9
1.0
7.0
tPLH
5.0±0.5
50
3.7
7.9
1.0
9.0
tPHL
3.4
7.9
1.0
9.0
Input
capacity
Cin
5.0
4.0
10.0
10.0
pF Vin=Vdd or GND
Equivalent
inner
capacity
Cpd
9.3
pF
f=1MHz
�����
�����������
���
�����
���
������
��
���
���
���
���
���
���
���
���
���
���
������
���
���
����
����
���
���
�����


Similar Part No. - ELM7SH08XB

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM7SH08XB ELM-ELM7SH08XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7SH08XB ELM-TECH-ELM7SH08XB_17 Datasheet
605Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH08xB 2-input AND gate
More results

Similar Description - ELM7SH08XB

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7SH08XB ELM-TECH-ELM7SH08XB_17 Datasheet
605Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH08xB 2-input AND gate
ELM7SH08MB-EL ELM-TECH-ELM7SH08MB-EL Datasheet
315Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH08xB 2-input AND gate
ELM7SH32XB ELM-TECH-ELM7SH32XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input OR gate
ELM7SH02XB ELM-TECH-ELM7SH02XB Datasheet
277Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input NOR gate
ELM7SH00XB ELM-TECH-ELM7SH00XB Datasheet
279Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input NAND gate
ELM7S08B ELM-TECH-ELM7S08B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input AND gate
ELM7SH86XB ELM-TECH-ELM7SH86XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input Exclusive OR gate
ELM7SH32XB ELM-TECH-ELM7SH32XB_17 Datasheet
604Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH32xB 2-input OR gate
ELM7SH00MB-EL ELM-TECH-ELM7SH00MB-EL Datasheet
314Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH00xB 2-input NAND gate
ELM7SH02MB-EL ELM-TECH-ELM7SH02MB-EL Datasheet
314Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH02xB 2-input NOR gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com