Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7SH86XB Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM7SH86XB
Description  HIGH SPEED CMOS LOGIC IC 2-input Exclusive OR gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM7SH86XB Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM7SH86XB Datasheet HTML 1Page - ELM Technology Corporation ELM7SH86XB Datasheet HTML 2Page - ELM Technology Corporation ELM7SH86XB Datasheet HTML 3Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
HIGH SPEED CMOS LOGIC IC
ELM7SH86xB 2-input Exclusive OR gate
■General description 
■Features
■Application
■Selection guide
ELM7SH86xB-EL
Symbol
a
Function
86 : 2-input Exclusive OR gate
b
Package
M : SOT-25
T : SSOT-25(SC-88A)
c
Product version
B
d
Taping direction
EL : Refer to PKG file
■Maximum absolute ratings
Parameter
Symbol
Limit
Unit
Power supply voltage
Vdd
-0.5~+6.0
V
Input voltage
Vin
-0.5~+6.0
V
Output voltage
Vout
-0.5~Vdd+0.5
V
Input protection diode current
Iik
-
20
mA
Output parasitic diode current
Iok
±
20
mA
Output current
Iout
±
25
mA
VDD/GND current
Idd, Ignd
±
50
mA
Power dissipation
Pd
150
mW
Storage temperature
Tstg
-65~+150
ELM7SH86xB is CMOS 2-input EXOR gate which is suitable for battery-operated devices because of its
low voltage and ultra high speed operation. The low power consumption contributes to longer battery life,
which allows long time operation of devices. The internal circuit which provides high noise immunity and
stable output is composed of 3 stages, including buffered output.
・ Same electrical characteristic and high speed operation as 74VHC series
・ Low consumption current
: Idd=1.0μA(Max.)(Top=25℃ )
・ Wide power voltage range
: 2.0V~5.5V
・ Wide input voltage range
: Vih=5.5V(Max.)(Vdd=0~5.5V)
・ High speed
: Tpd=2ns(Typ.) (Vdd=5.0V)
・ Small package
: SOT-25, SSOT-25(SC-88A)
・ Same function and pin configuration as ELM7SxxB
・ Cell phones
・ Digital cameras
・ Portable electrical appliances like PDA, etc.
・ Computers and peripherals
・ Digital electrical appliances like LCD TV sets, DVD recorders/players, STB, etc.
・ Modification inside print board, adjustment of timing, solution to noise
・ Power voltage change from 5V to 3V
ELM7SH 8 6 x B - EL
↑ ↑ ↑
a b c
d


Similar Part No. - ELM7SH86XB

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM7SH86XB ELM-ELM7SH86XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
More results

Similar Description - ELM7SH86XB

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7SH86MB-EL ELM-TECH-ELM7SH86MB-EL Datasheet
315Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH86xB 2-input Exclusive OR gate
ELM7S86B ELM-TECH-ELM7S86B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input Exclusive OR gate
ELM7S86B ELM-TECH-ELM7S86B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S86B 2-input Exclusive OR gate
logo
Texas Instruments
CD54HC86 TI-CD54HC86 Datasheet
270Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC86 TI-CD54HC86_07 Datasheet
414Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD74HC86 TI-CD74HC86 Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gate
CD54HC86 TI-CD54HC86_08 Datasheet
443Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
CD54HC86 TI-CD54HC86_03 Datasheet
35Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input EXCLUSIVE-OR Gate
logo
ELM Technology Corporat...
ELM7SH32XB ELM-TECH-ELM7SH32XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input OR gate
ELM7SH32XB ELM-TECH-ELM7SH32XB_17 Datasheet
604Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH32xB 2-input OR gate
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com