Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS-228-5-5 Datasheet(PDF) 1 Page - PIC GmbH

Part # MS-228-5-5
Description  Mains switching Reed Sensor - M8 thread
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

MS-228-5-5 Datasheet(HTML) 1 Page - PIC GmbH

  MS-228-5-5 Datasheet HTML 1Page - PIC GmbH MS-228-5-5 Datasheet HTML 2Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PIC GmbH
• Nibelungenstr. 5A
90530 Wendelstein, Germany
Phone +49 911 99 59 06-0
Fax +49 911 99 59 06-99
info@pic-gmbh.com
• www.pic-gmbh.com
MS-228-5
Mains switching Reed Sensor
•••• M8 thread
ms2285_e
 PIC GmbH, Nürnberg (GERMANY)
Rev. 1.2 (004)
Page 1 of 2
Pb
Lead free
Electrical Characteristics
Contact form
A
Contact rating max.
W / VA
10
Switching current max.
A
0.5
Carry current max.
A
1.5
VDC
200
Switching voltage max.
VAC
260
Breakdown voltage min.
VDC
450
Contact resistance (initial) max.
m
100
Insulation resistance min.
1010
Capacitance typ.
pF
0.2
Magnetical Characteristics
Pull in range available 1
AT
20-35
1 AT range stated for unmodified Reed Switch
Operating Characteristics
Operate time (incl. bounce) max.
ms
0.6
Release time max.
ms
0.2
Switching frequency max.
Hz
400
Resonant frequency typ.
Hz
3,900
Vibration (50-2000 Hz)
g
30
Shock (1/2 sin 11 ms)
g
100
Operating temperature
°C
-20 to +85
Dimensions
in mm
500
38.0 nom.
M8x1.25
Wire: AWG 24, black, stripped and tinned
Ordering Information
Series
AT Range
MS-228-5
3 = 20-25 / 4 = 25-30 / 5 = 30-35
Ordering example: MS-228-5-3 describes MS-228-5 with 20-25 AT
Customized types available.


Similar Part No. - MS-228-5-5

ManufacturerPart #DatasheetDescription
logo
Reed Relays and Electro...
MS-228-5 RRE-MS-228-5 Datasheet
107Kb / 2P
   Cylindrical Proximity Sensor
logo
DB Lectro Inc
MS-228-5 DBLECTRO-MS-228-5 Datasheet
29Kb / 2P
   Mains switching Reed Sensor ??M8 thread
logo
PIC GmbH
MS-228-5 PIC-MS-228-5_14 Datasheet
236Kb / 2P
   Netzspannungs-Reedsensor
More results

Similar Description - MS-228-5-5

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
MS-228-6 PIC-MS-228-6 Datasheet
54Kb / 2P
   Mains switching Reed Sensor - M8 thread
logo
DB Lectro Inc
MS-228-5 DBLECTRO-MS-228-5 Datasheet
29Kb / 2P
   Mains switching Reed Sensor ??M8 thread
MS-228-6 DBLECTRO-MS-228-6 Datasheet
54Kb / 2P
   Mains switching Reed Sensor 쨌 M8 thread
MS-228-3 DBLECTRO-MS-228-3 Datasheet
29Kb / 2P
   Reed Sensor ??M8 thread
logo
PIC GmbH
MS-228-3 PIC-MS-228-3 Datasheet
29Kb / 2P
   Reed Sensor - M8 thread
MS-216-5 PIC-MS-216-5 Datasheet
22Kb / 1P
   Mains switching Reed Sensor
MS-217-5 PIC-MS-217-5 Datasheet
22Kb / 1P
   Mains switching Reed Sensor
logo
DB Lectro Inc
MS-217-5 DBLECTRO-MS-217-5 Datasheet
22Kb / 1P
   Mains switching Reed Sensor
MS-216-5 DBLECTRO-MS-216-5 Datasheet
22Kb / 1P
   Mains switching Reed Sensor
logo
PIC GmbH
MS-215-5 PIC-MS-215-5 Datasheet
235Kb / 2P
   Mains switching Reed Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com