Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM77273B-N Datasheet(PDF) 9 Page - ELM Technology Corporation

Part # ELM77273B-N
Description  CMOS Dual voltage detector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM77273B-N Datasheet(HTML) 9 Page - ELM Technology Corporation

Back Button ELM77273B-N Datasheet HTML 3Page - ELM Technology Corporation ELM77273B-N Datasheet HTML 4Page - ELM Technology Corporation ELM77273B-N Datasheet HTML 5Page - ELM Technology Corporation ELM77273B-N Datasheet HTML 6Page - ELM Technology Corporation ELM77273B-N Datasheet HTML 7Page - ELM Technology Corporation ELM77273B-N Datasheet HTML 8Page - ELM Technology Corporation ELM77273B-N Datasheet HTML 9Page - ELM Technology Corporation ELM77273B-N Datasheet HTML 10Page - ELM Technology Corporation ELM77273B-N Datasheet HTML 11Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
0.5
1.0
1.5
2.0
0.5
1.0
1.5
2.0
2.5
3.0
0
Vdd (V)
Vout1 - Vdd
3VPullup 1M Ω
+25°C
+80°C
-30°C
0.2
0.4
0.6
0.8
1.0
100
200
300
400
500
600
700
0
Vds (V)
Ioutn1 - Vds
Top=25°C
Vdd=Vdet=0.85V
Vdd=Vdet=0.95V
Vdd=Vdet=0.8V
Vdd=Vdet=0.9V
0.2
0.4
0.6
0.8
50
100
150
200
250
300
350
0
Vds (V)
Ioutn1 - Vds
-30°C
+25°C
+80°C
Vdd=Vdet=0.8V
-40
-20
0
2040
6080
50
100
150
200
250
300
350
Top (°C)
Ioutn1 - T op


Similar Part No. - ELM77273B-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM772709BC-N ELM-TECH-ELM772709BC-N Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772709BC-S ELM-TECH-ELM772709BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772711BC-N ELM-TECH-ELM772711BC-N Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772711BC-S ELM-TECH-ELM772711BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results

Similar Description - ELM77273B-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
ELM Technology Corporat...
ELM77 ELM-TECH-ELM77 Datasheet
966Kb / 10P
   CMOS Dual voltage detector
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com