Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEC60-12S Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # AEC60-12S
Description  AC-DC Medical
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AEC60-12S Datasheet(HTML) 2 Page - Arch Electronics Corp.

  AEC60-12S Datasheet HTML 1Page - Arch Electronics Corp. AEC60-12S Datasheet HTML 2Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER : A_3
update : 98.06.09
AC-DC Medical
AEC60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
Measured with 0.1
μ 50V // 47μ 50V Ceramic Cap. Cross to output
MECHANICAL DIMENSION
( Top View )
DERATING
BLOCK DIAGRAM
PIN#
SINGLE
1
AC IN (N)
2
AC IN (L)
3
FG
4
+DC OUT
5
-DC OUT
6
Trim


Similar Part No. - AEC60-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AEC60-12S ARCH-AEC60-12S Datasheet
321Kb / 3P
   AC-DC Power Module
More results

Similar Description - AEC60-12S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
MSC-E1 ARCH-MSC-E1_12 Datasheet
239Kb / 3P
   AC-DC Medical
MTC-E1 ARCH-MTC-E1_12 Datasheet
235Kb / 3P
   AC-DC Medical
MTC ARCH-MTC Datasheet
544Kb / 6P
   AC-DC Medical
logo
XP Power Limited
PBM25US05 XPPOWER-PBM25US05 Datasheet
69Kb / 2P
   AC-DC Medical
logo
Arch Electronics Corp.
MSC ARCH-MSC Datasheet
503Kb / 6P
   AC-DC Medical
MSC-E1 ARCH-MSC-E1 Datasheet
503Kb / 6P
   AC-DC Medical
MTC-E1 ARCH-MTC-E1 Datasheet
546Kb / 6P
   AC-DC Medical
logo
Delta Electronics, Inc.
MDS-030AAC DELTA-MDS-030AAC Datasheet
1Mb / 9P
   Medical AC-DC Adapter
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
   Medical AC-DC Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com