Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKC-3.3S Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AKC-3.3S
Description  AC-DC Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AKC-3.3S Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AKC-3.3S Datasheet HTML 1Page - Arch Electronics Corp. AKC-3.3S Datasheet HTML 2Page - Arch Electronics Corp. AKC-3.3S Datasheet HTML 3Page - Arch Electronics Corp. AKC-3.3S Datasheet HTML 4Page - Arch Electronics Corp. AKC-3.3S Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VER :A_3
update : 98.04.09
AC-DC Power Module
AKC SERIES
20 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
AKC-3.3S
AKC-5S
AKC-7.35S
AKC-9S
AKC-12S
AKC-15S
AKC-24S
Max output wattage
( W )
14.85W
20W
20W
20W
20W
20W
20W
Voltage (V.DC.)
3.3V
5V
7.35V
9V
12V
15V
24V
Current (mA) max
4500
4000
2730
2230
1670
1340
840
Voltage set accuracy
±2%
±2%
±2%
±2%
±2%
±2%
±2%
Line Regulation (LL-HL) (typ.)
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
Load Regulation (0-100%) (typ.)
1%
1%
1%
1%
1%
1%
1%
Minimum load
0%
0%
0%
0%
0%
0%
0%
Efficiency (typ.)
75%
79%
82%
82%
83%
83%
84%
Output
Capacitor Load (max.)
6900 uF
6900 uF
2200 uF
1200 uF
560 uF
330 uF
100 uF
Model No.
( Dual Output )
AKC-5D
AKC-12D
AKC-15D
Max output wattage
( W )
20W
20W
20W
Output 1
Output 2
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
+5V
-5V
+12V
-12V
+15V
-15V
Current (mA) max
2000
2000
833
833
667
667
Voltage set accuracy
±2%
±2%
±2%
Line Regulation (LL-HL) (typ.)
±0.5%
±0.5%
±0.5%
Load Regulation (10-100%) (typ.)
±3%
±3%
±3%
Minimum load
0%
0%
0%
Efficiency (typ.)
79%
82%
82%
Output
Capacitor Load (max.)
±4700 uF
±560 uF
±330 uF
Model No.
( Triple Output )
AKC-5S12D
AKC-5S15D
Max output wattage
( W )
20W
20W
Output 1
Output 2
Output 3
Output 1
Output 2
Output 3
Voltage (V.DC.)
5
+12
-12
5
+15
-15
Current (mA) max
2800
250
250
2800
200
200
Voltage set accuracy
±2%
±2%
±2%
±2%
Line Regulation (LL-HL) (typ.)
1%
5%
1%
5%
Load Regulation (20-100%) (typ.)
2%
5%
2%
5%
Minimum load
10%
10%
Efficiency (typ.)
79%
79%
Output
Capacitor Load (max.)
3000 uF / ±220 uF
3000 uF / ±150 uF
KEY FEATURES
Switching Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-440 Hz
Regulated Output
Low Ripple and Noise
Small Size But Higher Wattage
Screw Terminal For Optional
CE, UL
Approval
2-Years Product Warranty


Similar Part No. - AKC-3.3S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AKC-3.3S ARCH-AKC-3.3S Datasheet
252Kb / 4P
   AC-DC Power Module
More results

Similar Description - AKC-3.3S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
   AC-DC Power Module
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
   AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
   AC-DC Power Module
ANCA ARCH-ANCA Datasheet
323Kb / 4P
   AC-DC Power Module
AHCN ARCH-AHCN Datasheet
152Kb / 2P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_16 Datasheet
121Kb / 2P
   AC-DC Power Module
AFC25 ARCH-AFC25 Datasheet
182Kb / 2P
   AC-DC Power Module
AFC20 ARCH-AFC20 Datasheet
507Kb / 5P
   AC-DC Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com