Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM89253BC-S Datasheet(PDF) 10 Page - ELM Technology Corporation

Part # ELM89253BC-S
Description  MOS 300mA LDO Voltage regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM89253BC-S Datasheet(HTML) 10 Page - ELM Technology Corporation

Back Button ELM89253BC-S Datasheet HTML 6Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 7Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 8Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 9Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 10Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 11Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 12Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 13Page - ELM Technology Corporation ELM89253BC-S Datasheet HTML 14Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
0
123
456
0.2
0.4
0.6
0.8
1
1.2
Vin(V)
Iout=1mA
Iout=40mA
Iout=100mA
Vout-Vin
Top=25
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
1.16
1.17
1.18
1.19
1.2
Vin(V)
Iout=1mA
Iout=40mA
Iout=100mA
Vout-Vin
Top=25
0
30 60 90 120 150 180 210 240 270 300
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
Iout(mA)
Vdiff-Iout
Top=25
2345
6
0.5
0.6
0.7
0.8
0.9
1
1.1
Vin(V)
Vceh-Vin
Top=25
2345
6
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Vin(V)
Vcel-Vin
Top=25
0
200
400
600
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Iout(mA)
Vin=1.7V
Vin=2.2V
Vin=3.2V
Vin=5.0V
Vout-Iout
Top=25


Similar Part No. - ELM89253BC-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89253BC-S ELM-TECH-ELM89253BC-S Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
More results

Similar Description - ELM89253BC-S

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131D081A RICOH-R1131D081A Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Nisshinbo Micro Devices...
R1131X NISSHINBO-R1131X Datasheet
389Kb / 24P
   Low Voltage 300mA LDO REGULATOR
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com