Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM92502B-N Datasheet(PDF) 11 Page - ELM Technology Corporation

Part # ELM92502B-N
Description  CMOS 600kHz High output current PWM step-up DC/DC converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM92502B-N Datasheet(HTML) 11 Page - ELM Technology Corporation

Back Button ELM92502B-N Datasheet HTML 7Page - ELM Technology Corporation ELM92502B-N Datasheet HTML 8Page - ELM Technology Corporation ELM92502B-N Datasheet HTML 9Page - ELM Technology Corporation ELM92502B-N Datasheet HTML 10Page - ELM Technology Corporation ELM92502B-N Datasheet HTML 11Page - ELM Technology Corporation ELM92502B-N Datasheet HTML 12Page - ELM Technology Corporation ELM92502B-N Datasheet HTML 13Page - ELM Technology Corporation ELM92502B-N Datasheet HTML 14Page - ELM Technology Corporation ELM92502B-N Datasheet HTML 15Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
■Typical characteristics
012
1
1.5
2
2.5
3
3.5
Vin (V)
Vout - Vin
Iout=150mA
60mA
10mA
0.1
1
10
100
1000
2.4
2.5
2.6
2.7
2.8
2.9
3
Iout (mA)
Vout - Iout
Vin=0.9V
1.1V 1.5V
1.8V
• Vout=2.7V (ELM9227xx) (L=2.2μH, Cout=47μF, D=MA735, Top=25°C)
15 -
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
Vin=0.9V
1.1V
1.8V
1.5V
-20 -10
0
10 20 30 40 50 60 70
2.6
2.65
2.7
2.75
2.8
Top(°C)
Vout1 - Top
Vin=1.5V, Iout=60mA
0.1
1
10
100
0
0.5
1
1.5
2
Iout (mA)
Vst - Iout
-20°C
+70°C
+25°C
Load-Transient Response
Vout, 50mV/div
100mA
100 A
Iout
200 s /div
ELM92xxxx CMOS 600kHz High output current PWM step-up DC/DC converter


Similar Part No. - ELM92502B-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92-SERIES ELM-TECH-ELM92-SERIES Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up
More results

Similar Description - ELM92502B-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92-SERIES ELM-TECH-ELM92-SERIES Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com