Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM92272C-N Datasheet(PDF) 9 Page - ELM Technology Corporation

Part # ELM92272C-N
Description  CMOS 600kHz High output current PWM step-up DC/DC converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM92272C-N Datasheet(HTML) 9 Page - ELM Technology Corporation

Back Button ELM92272C-N Datasheet HTML 5Page - ELM Technology Corporation ELM92272C-N Datasheet HTML 6Page - ELM Technology Corporation ELM92272C-N Datasheet HTML 7Page - ELM Technology Corporation ELM92272C-N Datasheet HTML 8Page - ELM Technology Corporation ELM92272C-N Datasheet HTML 9Page - ELM Technology Corporation ELM92272C-N Datasheet HTML 10Page - ELM Technology Corporation ELM92272C-N Datasheet HTML 11Page - ELM Technology Corporation ELM92272C-N Datasheet HTML 12Page - ELM Technology Corporation ELM92272C-N Datasheet HTML 13Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
2) Diode
3) Capacitor
When choosing diode, please select that whose forward voltage is small, switching speed is high and which
has sufficient margin for rated current.
ELM recommends diode which is around 1A class.
* Cout
When choosing capacitor, please select that which is generally used for smoothing power supply circuit,
with comparatively large capacity and whose rated voltage is at least three times larger than rated output
voltage of used ELM92 series. ELM recommends capacitor which is 47μF to 220μF. When Vin is high
(Vin>Vout×0.7), it is possible that large ripple of Iout may happen because of intermittent operation; ELM
recommends to use larger capacitor under such circumstance.
* Cin
Using Cin in the circuit can lower feedback noise to Input; this method is also effective in improving
efficiency because input voltage drop during switching can be eased. To gain this effect, please connect
tantalum capacitor of 47μF to 220μF to coil as close as possible.
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
Vin=0.9V
1.1V
1.8V
1.5V
2.4V
0.1
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
Iout (mA)
EFFICIENCY - Iout
Vin=1.8V
3.0V
2.4V
3.6V
ELM9230xx
ELM9250xx
* CR43/CD43/CR54/CD54 : Sumida Electric Co., Ltd are recommended.
This DC/DC converter may cause electromagnetic noise due to switching of coil under large current. Solu-
tion is necessary especially when the IC is used in wireless devices.
To reduce noise, this IC is designed in consideration of coil switching characteristics. The following meth-
ods are also effective to reduce noise.
• Use shield-type, or magnetic shield coil.
• Locate coil and diode to the LX terminal of IC as close as possible.
• Select ground wire as thick and short as possible.
• Connect ground wire of circuit to one point.
4) Remedies for noise
15 -
ELM92xxxx CMOS 600kHz High output current PWM step-up DC/DC converter


Similar Part No. - ELM92272C-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92-SERIES ELM-TECH-ELM92-SERIES Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up
More results

Similar Description - ELM92272C-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM92 ELM-ELM92 Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
ELM92-SERIES ELM-TECH-ELM92-SERIES Datasheet
1Mb / 14P
   CMOS 600kHz High output current PWM step-up
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622_04 Datasheet
460Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com