Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSP200212001-50 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LSP200212001-50
Description  AC TO DC LED POWER SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LSP200212001-50 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LSP200212001-50 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LSP200212001-50 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
AC TO DC LED POWER SUPPLY
20W Series
LinkCom Manufacturing Co., Ltd.
Ver. A
www.linkcom.com.tw
For more information, please contact with :sales@linkcom.com.tw
◆Suitable for Hi-Power LED Lighting
Applications.
◆Universal AC input / Full range
◆Constant Voltage & Current limit Protection
OVP; OTP and Short-Current Protection
◆High Operating ambient Temp: -20℃~+60℃
◆Design refer to UL1310 Class 2 & TUV EN60950
◆Meet with CE EN55015 & EN55024
◆Comply with indoor/outdoor waterproof (IP67)
Electrical Specifications @25°C
Model
LSP200212001
LSP200224001
Part NO.
LSP200212001-50
LSP200224001-50
DC Voltage
12.0± 3%
24.0± 3%
Rated current
1.7A
0.8A
Rated power
20.4W
19.2W
Output
Protection
CV ; CC ; OVP ; OTP ; SCP
Voltage range
100~240Vac full range
Frequency range
47~63Hz
Efficiency (Typ.)
83%
83%
AC current
100Vac<0.5A
240Vac<0.3A
100Vac<0.5A
240Vac<0.3A
Inrush current
50A/230Vac cold start
Input
Leakage current
0.75mA/132Vac/60Hz
Operating ambient
Temp.
-20℃~+60℃
Operating relative Hum.
Comply with indoor/outdoor waterproof
Storage ambient Temp.
-40℃~+80℃
Environme
nt
Storage relative Hum.
Comply with indoor/outdoor waterproof
MTBF
100000 hrs/25℃
Safety & EMC
UL1310; EN60950; CB & CE; EN55015; EN55024
RoHS
YES
YES
Others
Dimension(mm) L*W*H
130*21.3*24.7
FEATURES


Similar Part No. - LSP200212001-50

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LSP200212001 LINKCOM-LSP200212001 Datasheet
451Kb / 3P
   20W LED Power Supply
LSP200212001 LINKCOM-LSP200212001_14 Datasheet
109Kb / 2P
   AC Input 90~264Vac SCP / OVP / OCP
More results

Similar Description - LSP200212001-50

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LSP10A248001 LINKCOM-LSP10A248001 Datasheet
75Kb / 1P
   AC TO DC LED POWER SUPPLY
logo
List of Unclassifed Man...
LF2200 ETC1-LF2200 Datasheet
122Kb / 1P
   AC to DC LED Power Supply
logo
LinkCom Manufacturing C...
LSP10A224001 LINKCOM-LSP10A224001 Datasheet
91Kb / 1P
   AC TO DC LED POWER SUPPLY
LSP10A236001 LINKCOM-LSP10A236001 Datasheet
92Kb / 1P
   AC TO DC LED POWER SUPPLY
logo
Marl International Limi...
LF2200 MARL-LF2200 Datasheet
122Kb / 1P
   AC to DC LED Power Supply
logo
LinkCom Manufacturing C...
LSP400212001-50 LINKCOM-LSP400212001-50 Datasheet
119Kb / 2P
   AC TO DC LED POWER SUPPLY
BPCE030C112 LINKCOM-BPCE030C112 Datasheet
80Kb / 1P
   AC TO DC LED POWER SUPPLY
BPCE030C701 LINKCOM-BPCE030C701 Datasheet
80Kb / 1P
   AC TO DC LED POWER SUPPLY
LSP10A212001 LINKCOM-LSP10A212001 Datasheet
56Kb / 1P
   AC TO DC LED POWER SUPPLY
LSP600212001-50 LINKCOM-LSP600212001-50 Datasheet
135Kb / 3P
   AC TO DC LED POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com