Electronic Components Datasheet Search |
|
CTG051003CMO Datasheet(PDF) 3 Page - American Accurate Components, Inc. |
|
CTG051003CMO Datasheet(HTML) 3 Page - American Accurate Components, Inc. |
3 / 3 page American Accurate Components, Inc. THIN FILM PRECISION CHIP RESISTORS The content of this specification may change without notification 10/12/07 188 Technology Drive, Unit H, Irvine, CA 92618 TEL: 949-453-9888 FAX: 949-453-8889 3 PERFORMANCE & ENVIRONMENTAL SPECIFICATIONS Maximum ∆ Ω +0.05Ω (Tolerance) Test Item A B, C D, F Condition Short Time Overload ± 0.1% ± 0.1% ± 0.5% 2.5 times of the rated voltage shall be applied for 5 seconds Load Life ± 0.1% ± 0.25% ± 0.5% The resistor shall be subjected to rated voltage for 90 min. followed by a pause of 30 min. at a temperature of 70±3ºC. This constitutes 1 cycle. Cycles shall be repeated for 1000 hours. Moisture Load Life ± 0.1% ± 0.25% ± 0.5% The resistor subjected to rated voltage for 90 min followed by a pause for 30 min at a temperature of 60±2ºC with relative humidity of 90% to 95%. This constitutes 1 cycles. Cycles shall be repeated for 1000 hours. Temperature Cycle ± 0.1% ± 0.1% ± 0.5% [-55ºC 30 min → +125ºC 30 min → R.T. 3 min] The resistor shall be subjected to 5 continuous cycles Resistance to Solder Heat ± 0.05% ± 0.1% ± 0.5% The resistor shall withstand dipped into solder for 10±1 sec. At 260±5ºC Terminal Strength ± 0.1% ± 0.1% ± 0.5% Distance between fulcrums: 90mm; Bending width: 3 mm Solderability A new uniform coating of solder shall cover minimum of 95% of surface being immersed The resistor shall be dipped into the solder of 235±5ºC for 3±0.5 seconds Insulation Resistance DC 500V for 1 minute 1000 Meg Ω or over VALUE MARKING For those parts ordered with an E-24 value, the product will be marked with a 3 digit code. For those products ordered with an E-96 value, the product will be marked with a 4 digit code. For those parts which fall under E-96 and E-24 values (e.g. 1K ohm is both an E-96 and E-24 value), the part will be marked with a 3 digit code; 4 digit markings for this type is available upon special request. 0201, and 0402 Size No marking E-24 & E-96 Values Custom Value Any Size 0603 Size EIA 96 Digit Code of 3.32K ohm E-96 Values 0603 ~ 2512 Sizes EIA 3 Digit Code of 10K ohm resistor E-24 Values, E-96 Values 0805 ~ 2512 Sizes EIA 4 Digit Code of 121K ohm resistor E-96 Values LABEL DESCRIPTION One side surface of a reel is marked with a label with the following items of information. 1. Chip Resistor 2. Part Number 3. Tolerance 4. Quantity 5. Lot number for production month/year* 6. Manufacturer’s name or symbol * The suffix “L” indicates that this item is lead free. As of September 2004, all new production items of the series CR and CJ are no longer containing tin/lead (SnPb) terminals; they are lead free and in compliance with Lead Free/RoHS. PACKAGE QUANTITY Type 0201 0402 0603 0805 1206 M 5,000 10,000 5,000 5,000 5,000 O 1,000 1,000 1,000 1,000 1,000 Type 1210 1217 2010 2020 2045 2512 B 5,000 2,000 4,000 2,000 3,000 4,000 O 1,000 1,000 1,000 1,000 1,000 1,000 REEL SCHEMATIC & DIMENSIONS (mm) O & M Type M Type 7” Reel 13” Reel C ∅13± 0.2 ∅13±0.2 E 60 ±0.5 100 ±0.2 F 11.4 ±1.0 13.5 ±1.0 G 9.0 ±0.3 9.5 ±0.5 H 1.5 ±0.3 2.0 ±0.5 M ∅180±2.0 ∅330±2.0 Reel size is dependent upon the package quantity& resistor size. Call for more info. TAPE SCHEMATIC TAPE DIMENSIONS (mm) 0201 0402 0603 0805 1206 A 0.41 ±0.1 0.65 ±0.1 1.1 ±0.2 1.65 ±0.2 2.0 ±0.15 B 0.71 ±0.1 1.15 ±0.1 1.9 ±0.2 2.4 ±0.2 3.6 ±0.15 W 8.0 ±0.2 8.0 ±0.2 8.0 ±0.2 8.0 ±0.2 8.0 ±0.2 E 1.75 ±0.10 1.75 ±0.10 1.75 ±0.1 1.75 ±0.1 1.75 ±0.1 F 3.5 ±0.05 3.5 ±0.05 3.5 ±0.05 3.5 ±0.05 3.5 ±0.05 P1 2.0 ±0.05 2.0 ±0.05 4.0 ±0.1 4.0 ±0.1 4.0 ±0.1 T 0.5max 0.55 ±0.1 0.70 ±0.1 0.90 ±0.1 0.90 ±0.1 Tp 0.4+0.05 0.40 ±0.05 0.60 ±0.1 0.75 ±0.1 0.75 ±0.1 1210 1217 2010 2020 2045 2512 A 2.9 ±0.1 3.5 ±0.1 2.9 ±0.1 5.5 ±0.1 5.4 ±0.1 2.9 ±0.1 B 3.5 ±0.1 4.9 ±0.1 5.3 ±0.1 5.5 ±0.1 11.9 ±0.1 5.3 ±0.1 W 8.0 ±0.2 12.0 ±0.2 12.0 ±0.2 12.0 ±0.2 24.0 ±0.2 12.0 ±0.2 E 1.75 ±0.1 1.75 ±0.1 1.75 ±0.1 1.75 ±0.1 1.75 ±0.1 1.75 ±0.1 F 3.5 ±0.05 5.5 ±0.1 5.5 ±0.1 5.5 ±0.1 11.5 ±0.1 5.5 ±0.05 P1 4.0 ±0.1 8.0 ±0.1 4.0 ±0.1 8.0 ±0.1 8.0 ±0.1 4.0 ±0.1 T 0.90 ±0.1 0.90 ±0.1 1.0 ±0.1 1.0 ±0.1 1.0 ±0.1 1.0 ±0.1 Tp 0.75 ±0.1 0.25 ±0.1 0.25 ±0.1 Call to find out if the tape material is paper or plastic 51B 1213 103 |
Similar Part No. - CTG051003CMO |
|
Similar Description - CTG051003CMO |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |