Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM14419AA-N Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM14419AA-N
Description  Single P-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM14419AA-N Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM14419AA-N Datasheet HTML 1Page - ELM Technology Corporation ELM14419AA-N Datasheet HTML 2Page - ELM Technology Corporation ELM14419AA-N Datasheet HTML 3Page - ELM Technology Corporation ELM14419AA-N Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
0
2
4
6
8
10
0
4
8
1216
2024
28
-Qg (nC)
Figure 7: Gate-Charge Characteristics
0
250
500
750
1000
1250
1500
1750
2000
2250
0
5
10
15
20
25
30
-Vds (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
10
20
30
40
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Coss
Crss
0.1
1.0
10.0
100.0
0.1
1
10
100
-Vds (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100
Ps
10ms
1ms
0.1s
1s
10s
DC
Rds(on)
limited
Tj(max)=150°C, Ta=25°C
Vds=-15V
Id=-9.7A
Single Pulse
D=Ton/T
Tj,pk=Ta+Pdm.ZTja.RTja
RTja=40°C/W
Ton
T
Pd
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Tj(max)=150°C
Ta=25°C
10
Ps


Similar Part No. - ELM14419AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14411AA-N ELM-TECH-ELM14411AA-N Datasheet
94Kb / 4P
   Single P-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14412AA-N ELM-TECH-ELM14412AA-N Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14413AA-N ELM-TECH-ELM14413AA-N Datasheet
95Kb / 4P
   Single P-channel MOSFET
More results

Similar Description - ELM14419AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM36403EA-S ELM-ELM36403EA-S Datasheet
976Kb / 4P
   Single P-channel MOSFET
ELM36405EA-S ELM-ELM36405EA-S Datasheet
812Kb / 4P
   Single P-channel MOSFET
ELM23401CA-S ELM-ELM23401CA-S Datasheet
1Mb / 3P
   Single P-channel MOSFET
ELM340703A-N ELM-ELM340703A-N Datasheet
811Kb / 4P
   Single P-channel MOSFET
ELM53401CA-S ELM-ELM53401CA-S Datasheet
1Mb / 5P
   Single P-channel MOSFET
ELM342004A-N ELM-ELM342004A-N Datasheet
820Kb / 4P
   Single P-channel MOSFET
ELM549407A-N ELM-ELM549407A-N Datasheet
1Mb / 5P
   Single P-channel MOSFET
logo
ELM Technology Corporat...
ELM13401CA-S ELM-TECH-ELM13401CA-S Datasheet
383Kb / 4P
   Single P-channel MOSFET
ELM13405CA-S ELM-TECH-ELM13405CA-S Datasheet
391Kb / 4P
   Single P-channel MOSFET
ELM13409CA-S ELM-TECH-ELM13409CA-S Datasheet
395Kb / 4P
   Single P-channel MOSFET
ELM34401AA-N ELM-TECH-ELM34401AA-N Datasheet
433Kb / 4P
   Single P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com