Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM14422AA-N Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM14422AA-N
Description  Single N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM14422AA-N Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM14422AA-N Datasheet HTML 1Page - ELM Technology Corporation ELM14422AA-N Datasheet HTML 2Page - ELM Technology Corporation ELM14422AA-N Datasheet HTML 3Page - ELM Technology Corporation ELM14422AA-N Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
800
140
220
80
140
0.5
15
7
IS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
OMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARIS
UT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
NCTIONS AND RELIABILITY WITHOUT NOTICE
0
5
10
15
20
25
30
01
23
45
Vds (Volts)
Fig 1: On-Region Characteristics
Vgs=3V
3.5V
4V
4.5V
10V
0
4
8
12
16
20
1.5
2
2.5
3
3.5
4
Vgs(Volts)
Figure 2: Transfer Characteristics
10
12
14
16
18
20
22
24
0
5
10
15
20
Id (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
Vsd (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
Vgs=10V
Vgs=4.5V
10
20
30
40
50
60
246
8
10
Vgs (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
Vds=5V
Vgs=4.5V
Vgs=10V
Id=10A
25°C
125°C
Id=10A


Similar Part No. - ELM14422AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14420AA-N ELM-TECH-ELM14420AA-N Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14423AA-N ELM-TECH-ELM14423AA-N Datasheet
96Kb / 4P
   Single P-channel MOSFET
ELM14425AA-N ELM-TECH-ELM14425AA-N Datasheet
97Kb / 4P
   Single P-channel MOSFET
ELM14427AA-N ELM-TECH-ELM14427AA-N Datasheet
98Kb / 4P
   Single P-channel MOSFET
ELM14429AA-N ELM-TECH-ELM14429AA-N Datasheet
95Kb / 4P
   Single P-channel MOSFET
More results

Similar Description - ELM14422AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17412GA-S ELM-TECH-ELM17412GA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com