Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC-1001T1520 Datasheet(PDF) 2 Page - PIC GmbH

Part # PMC-1001T1520
Description  Standard-SMD-Reed Switch for automated assembly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIC [PIC GmbH]
Direct Link  http://www.pic-gmbh.com
Logo PIC - PIC GmbH

PMC-1001T1520 Datasheet(HTML) 2 Page - PIC GmbH

  PMC-1001T1520 Datasheet HTML 1Page - PIC GmbH PMC-1001T1520 Datasheet HTML 2Page - PIC GmbH PMC-1001T1520 Datasheet HTML 3Page - PIC GmbH PMC-1001T1520 Datasheet HTML 4Page - PIC GmbH PMC-1001T1520 Datasheet HTML 5Page - PIC GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
page 2 of 5
Rev. 1.7, 19.01.2009, (014)
© PIC GmbH, Nürnberg (GERMANY)
www.pic-gmbh.com
PMC-1001T
Standard-SMD-Reed Switch for automated assembly
Ru
Contact material
@25°C
Electrical Characteristics
A
Contact form (ASA)
pF
0.5
C
Capacitance
ms
0.3
T
rel
Release time
ms
0.5
T
op
Operate time (incl. bounce)
VDC
200
U
bd
Breakdown voltage
1010
109
R
i
Insulation resistance
m
200
100
80
CR
dyn
Dynamic contact resistance
m
150
80
60
CR
s
Static contact resistance (initial)
mA
1000
0
I
c
Carry current
mA
700
0
I
s
Switching current
VAC
130
0
VDC
180
0
U
s
Switching voltage
VA
10
0
W
10
0
P
s
Contact rating
Max.
Typ.
Min.
Unit
Value
Symbol
Parameter
@25°C
Environmental Characteristics
kg
3.0
Lead tensile strength
m³ Pa s-1
2*10-8
Hermeticity
A/m
10
H
max
V/m
200
E
max
Electro magnetic compatibility
°C
+300
T
sol
Soldering temperature
°C
+125
-40
T
op
Operating temperature
°C
+125
-40
T
stg
Storage temperature
g
20
Vibration (50-2000 Hz)
g
100
Shock (1/2 sin 11 ms)
Max.
Typ.
Min.
Unit
Value
Symbol
Parameter
@25°C
Magnetical Characteristics
of unmodified switch measured in TC-010
AT
6.0
PI-DO
Hysteresis
AT
20
4.0
DO
Drop out
AT
25
10.0
PI
Pull in range available
Max.
Typ.
Min.
Unit
Value
Symbol
Parameter


Similar Part No. - PMC-1001T1520

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-1001TH PIC-PMC-1001TH Datasheet
176Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001TH1015 PIC-PMC-1001TH1015 Datasheet
176Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001TH1520 PIC-PMC-1001TH1520 Datasheet
176Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001TH2025 PIC-PMC-1001TH2025 Datasheet
176Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001THL PIC-PMC-1001THL Datasheet
178Kb / 2P
   Minimum height above PCB
More results

Similar Description - PMC-1001T1520

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
PMC-1401TS PIC-PMC-1401TS Datasheet
287Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001TH PIC-PMC-1001TH Datasheet
176Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001TS PIC-PMC-1001TS Datasheet
143Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1401T PIC-PMC-1401T Datasheet
291Kb / 5P
   Standard-SMD-Reed Switch for automated assembly
PMC-1001S PIC-PMC-1001S Datasheet
94Kb / 5P
   Standard Reed Switch for automated assembly
PMC-1401S PIC-PMC-1401S Datasheet
104Kb / 5P
   Standard Reed Switch for automated assembly
PMC-0701TS PIC-PMC-0701TS Datasheet
307Kb / 5P
   Micro-SMD-Reed Switch for automated assembly
PMC-1001THY PIC-PMC-1001THY Datasheet
189Kb / 5P
   SMD-Form B-Reed Switch for automated assembly
PMC-0701S PIC-PMC-0701S Datasheet
103Kb / 5P
   Micro Reed Switch for automated assembly
PMC-1401Z PIC-PMC-1401Z Datasheet
159Kb / 2P
   Standard SMD Reed Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com