Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZQ60 Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # ZQ60
Description  AC-DC Switching Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ZQ60 Datasheet(HTML) 1 Page - Arch Electronics Corp.

  ZQ60 Datasheet HTML 1Page - Arch Electronics Corp. ZQ60 Datasheet HTML 2Page - Arch Electronics Corp. ZQ60 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : PA_0
update : 98.03.05
AC-DC Switching Power Supply
ZQ60 SERIES
60 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
ZQ60-5S
ZQ60-12S
ZQ60-15S
ZQ60-24S
ZQ60-48S
Max output wattage
( W )
50W
60W
60W
60W
60W
Voltage
90-264 VAC or 100-375 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
2.0A max. (115 VAC) / 1.0A max. (230 VAC)
Inrush current (<2ms)
30 A max. (115 VAC) / 60 A max. (230 VAC)
Leakage Current
< 0.5 mA max
Input
External fuse (recommend)
3.15 A slow blow type
Voltage (V.DC.)
5V
12V
15V
24V
48V
Voltage set accuracy
±2%
Current (mA) max
10,000
5000
4000
2500
1250
Maximum capacitive load
470-23,000µF depending on model
Line regulation (Typ.)
0.5%
Load regulation(10-100%) (Typ.)
1%
Minimum load
0%
Maximum capacitive load
470-23,000µF depending on model
Ripple & Noise
< 1% Vout
Efficiency (Typ)
80%
84%
84%
85%
84%
Hold-up time
18 ms min.
Output
Switching frequency
65 KHz
Over current protection
Above 105% rated output power
Over voltage protection
Zener diode clamp
Protection
Short circuit protection
Hiccup mode, indefinite (automatic recovery)
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
Operating temperature
-10°C…+70°C (with derating)
Storage temperature
-40°C…+100°C
Temperature coefficient
0.01%/°C
Humidity
95% RH
Environment
MTBF
>200,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
4.0 x 2.0 x 1.01 Inches
( 101.6 x 50.8 x 26.0 mm ) Tolerance
±0.5 mm
Case Material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Weight
150
g
Physical
Cooling method
Free air convection
Safety
Agency Approvals
UL , cUL , CE
(Pending)
EMI
(Conducted
&
Radiated
Emission)
EN 55022 class B (Pending)
EMC
EMS (Noise Immunity)
EN 55024 (Pending)
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
KEY FEATURES
Low Cost But High Reliability
With Constant Current
Isolation Class II
Open Frame Switching Power Supply
Universal Input: 90-264 VAC
Single and Dual Output
3000 VAC Input to Output Isolation
2-Years Product Warranty


Similar Description - ZQ60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com