Electronic Components Datasheet Search |
|
EDE2116ABSE-5C-E Datasheet(PDF) 11 Page - Elpida Memory |
|
EDE2116ABSE-5C-E Datasheet(HTML) 11 Page - Elpida Memory |
11 / 81 page EDE2116ABSE Preliminary Data Sheet E1292E10 (Ver. 1.0) 11 DC Characteristics 2 (TC = 0 °C to +85°C, VDD, VDDQ = 1.8V ± 0.1V) Parameter Symbol Value Unit Notes Input leakage current ⏐ILI⏐ 2 μA VDD ≥ VIN ≥ VSS Output leakage current ⏐ILO⏐ 5 μA VDDQ ≥ VOUT ≥ VSS Minimum required output pull-up under AC test load VOH VTT + 0.603 V 5 Maximum required output pull-down under AC test load VOL VTT − 0.603 V 5 Output timing measurement reference level VOTR 0.5 × VDDQ V 1 Output minimum sink DC current IOL +13.4 mA 3, 4, 5 Output minimum source DC current IOH −13.4 mA 2, 4, 5 Notes: 1. The VDDQ of the device under test is referenced. 2. VDDQ = 1.7V; VOUT = 1.42V. 3. VDDQ = 1.7V; VOUT = 0.28V. 4. The DC value of VREF applied to the receiving device is expected to be set to VTT. 5. After OCD calibration to 18 Ω at TC = 25°C, VDD = VDDQ = 1.8V. DC Characteristics 3 (TC = 0 °C to +85°C, VDD, VDDQ = 1.8V ± 0.1V) Parameter Symbol min. max. Unit Notes AC differential input voltage VID (AC) 0.5 VDDQ + 0.6 V 1, 2 AC differential cross point voltage VIX (AC) 0.5 × VDDQ − 0.175 0.5 × VDDQ + 0.175 V 2 AC differential cross point voltage VOX (AC) 0.5 × VDDQ − 0.125 0.5 × VDDQ + 0.125 V 3 Notes: 1. VID (AC) specifies the input differential voltage |VTR -VCP| required for switching, where VTR is the true input signal (such as CK, DQS) and VCP is the complementary input signal (such as /CK, /DQS). The minimum value is equal to VIH (AC) − VIL (AC). 2. The typical value of VIX (AC) is expected to be about 0.5 × VDDQ of the transmitting device and VIX (AC) is expected to track variations in VDDQ. VIX (AC) indicates the voltage at which differential input signals must cross. 3. The typical value of VOX (AC) is expected to be about 0.5 × VDDQ of the transmitting device and VOX (AC) is expected to track variations in VDDQ. VOX (AC) indicates the voltage at which differential output signals must cross. Crossing point VSSQ VTR VCP VID VIX or VOX VDDQ Differential Signal Levels* 1, 2 |
Similar Part No. - EDE2116ABSE-5C-E |
|
Similar Description - EDE2116ABSE-5C-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |