Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE21UE8AESA-6E-E Datasheet(PDF) 2 Page - Elpida Memory

Part # EBE21UE8AESA-6E-E
Description  2GB DDR2 SDRAM SO-DIMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE21UE8AESA-6E-E Datasheet(HTML) 2 Page - Elpida Memory

  EBE21UE8AESA-6E-E Datasheet HTML 1Page - Elpida Memory EBE21UE8AESA-6E-E Datasheet HTML 2Page - Elpida Memory EBE21UE8AESA-6E-E Datasheet HTML 3Page - Elpida Memory EBE21UE8AESA-6E-E Datasheet HTML 4Page - Elpida Memory EBE21UE8AESA-6E-E Datasheet HTML 5Page - Elpida Memory EBE21UE8AESA-6E-E Datasheet HTML 6Page - Elpida Memory EBE21UE8AESA-6E-E Datasheet HTML 7Page - Elpida Memory EBE21UE8AESA-6E-E Datasheet HTML 8Page - Elpida Memory EBE21UE8AESA-6E-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
EBE21UE8AESA
Data Sheet E1298E40 (Ver. 4.0)
2
Ordering Information
Part number
Data rate
Mbps (max.)
Component
JEDEC speed bin
(CL-tRCD-tRP)
Package
Contact
pad
Mounted devices
EBE21UE8AESA-8G-E
800
DDR2-800 (6-6-6)
EDE1108AESE-8E-E
EDE1108AESE-8E-F
EBE21UE8AESA-6E-E
667
DDR2-667 (5-5-5)
200-pin SO-DIMM
(lead-free)
Gold
EDE1108AESE-8E-E
EDE1108AESE-8E-F
EDE1108AESE-6E-E
EDE1108AESE-6E-F
EBE21UE8AESA-8G-F
800
DDR2-800 (6-6-6)
EDE1108AESE-8E-F
EBE21UE8AESA-6E-F
667
DDR2-667 (5-5-5)
200-pin SO-DIMM
(lead-free and
halogen-free)
Gold
EDE1108AESE-8E-F
EDE1108AESE-6E-F
Pin Configurations
1 pin
2 pin
Front side
Back side
39 pin
40 pin
41 pin
42 pin
199 pin
200 pin
Front side
Back side
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VREF
51
DQS2
2
VSS
52
DM2
3
VSS
53
VSS
4
DQ4
54
VSS
5
DQ0
55
DQ18
6
DQ5
56
DQ22
7
DQ1
57
DQ19
8
VSS
58
DQ23
9
VSS
59
VSS
10
DM0
60
VSS
11
/DQS0
61
DQ24
12
VSS
62
DQ28
13
DQS0
63
DQ25
14
DQ6
64
DQ29
15
VSS
65
VSS
16
DQ7
66
VSS
17
DQ2
67
DM3
18
VSS
68
/DQS3
19
DQ3
69
NC
20
DQ12
70
DQS3
21
VSS
71
VSS
22
DQ13
72
VSS
23
DQ8
73
DQ26
24
VSS
74
DQ30
25
DQ9
75
DQ27
26
DM1
76
DQ31
27
VSS
77
VSS
28
VSS
78
VSS
29
/DQS1
79
CKE0
30
CK0
80
CKE1
31
DQS1
81
VDD
32
/CK0
82
VDD
33
VSS
83
NC
34
VSS
84
NC
35
DQ10
85
BA2
36
DQ14
86
NC
37
DQ11
87
VDD
38
DQ15
88
VDD


Similar Part No. - EBE21UE8AESA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8AEFA ELPIDA-EBE21UE8AEFA Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA-6E-E ELPIDA-EBE21UE8AEFA-6E-E Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA-6E-F ELPIDA-EBE21UE8AEFA-6E-F Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA-8G-E ELPIDA-EBE21UE8AEFA-8G-E Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA-8G-F ELPIDA-EBE21UE8AEFA-8G-F Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
More results

Similar Description - EBE21UE8AESA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN02G64C4BH2MT-25[EW]R ETC2-SEN02G64C4BH2MT-25[EW]R Datasheet
437Kb / 14P
   2GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE21UE8ACUA ELPIDA-EBE21UE8ACUA Datasheet
262Kb / 27P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8AADA ELPIDA-EBE21UE8AADA Datasheet
215Kb / 21P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ACSA ELPIDA-EBE21UE8ACSA Datasheet
262Kb / 27P
   2GB DDR2 SDRAM SO-DIMM
EBE21UE8ABDA ELPIDA-EBE21UE8ABDA Datasheet
226Kb / 23P
   2GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN02G64C4BF2SA-25[EW]R ETC2-SEN02G64C4BF2SA-25[EW]R Datasheet
400Kb / 14P
   2GB DDR2 ??SDRAM SO-DIMM
SEU02G64B3BF2SA-25R ETC2-SEU02G64B3BF2SA-25R Datasheet
811Kb / 14P
   2GB DDR2 ??SDRAM DIMM
SEU02G64B3BH2MT-25R ETC2-SEU02G64B3BH2MT-25R Datasheet
711Kb / 14P
   2GB DDR2 ??SDRAM DIMM
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com