Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD5116AGTA-LI Datasheet(PDF) 6 Page - Elpida Memory

Part # EDD5116AGTA-LI
Description  512M bits DDR SDRAM WTR (Wide Temperature Range)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD5116AGTA-LI Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDD5116AGTA-LI Datasheet HTML 2Page - Elpida Memory EDD5116AGTA-LI Datasheet HTML 3Page - Elpida Memory EDD5116AGTA-LI Datasheet HTML 4Page - Elpida Memory EDD5116AGTA-LI Datasheet HTML 5Page - Elpida Memory EDD5116AGTA-LI Datasheet HTML 6Page - Elpida Memory EDD5116AGTA-LI Datasheet HTML 7Page - Elpida Memory EDD5116AGTA-LI Datasheet HTML 8Page - Elpida Memory EDD5116AGTA-LI Datasheet HTML 9Page - Elpida Memory EDD5116AGTA-LI Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
EDD5108AGTA-LI, EDD5116AGTA-LI
Preliminary Data Sheet E1304E10 (Ver. 1.0)
6
DC Characteristics 1 (TA = –40
°C to +85°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V) [DDR400]
max.
Parameter
Symbol
Grade
× 8
× 16
Unit
Test condition
Notes
Operating current
(ACT-PRE)
IDD0
100
100
mA
CKE ≥ VIH,
tRC = tRC (min.)
1, 2, 9
Operating current
(ACT-READ-PRE)
IDD1
120
120
mA
CKE ≥ VIH, BL = 4,
CL = 3,
tRC = tRC (min.)
1, 2, 5
Idle power down standby
current
IDD2P
5
5
mA
CKE ≤ VIL
4
Floating idle standby current IDD2F
20
20
mA
CKE ≥ VIH, /CS ≥ VIH
DQ, DQS, DM = VREF
4, 5
Quiet idle standby current
IDD2Q
20
20
mA
CKE ≥ VIH, /CS ≥ VIH
DQ, DQS, DM = VREF
4, 10
Active power down standby
current
IDD3P
30
30
mA
CKE ≤ VIL
3
Active standby current
IDD3N
60
60
mA
CKE ≥ VIH, /CS ≥ VIH
tRAS = tRAS (max.)
3, 5, 6
Operating current
(Burst read operation)
IDD4R
150
150
mA
CKE ≥ VIH, BL = 2,
CL = 3
1, 2, 5, 6
Operating current
(Burst write operation)
IDD4W
150
150
mA
CKE ≥ VIH, BL = 2,
CL = 3
1, 2, 5, 6
Auto-refresh current
IDD5
175
175
mA
tRFC = tRFC (min.),
Input ≤ VIL or ≥ VIH
Self-refresh current
IDD6
3
3
mA
Input ≥ VDD – 0.2 V
Input ≤ 0.2 V
Operating current
(4 banks interleaving)
IDD7A
300
300
mA
BL = 4
1, 5, 6, 7
DC Characteristics 1 (TA = –40
°C to +85°C, VDD, VDDQ = 2.5V ± 0.2V, VSS, VSSQ = 0V) [DDR333, 266]
max.
Parameter
Symbol
Grade
× 8
× 16
Unit
Test condition
Notes
Operating current
(ACT-PRE)
IDD0
-6B
-7A, -7B
90
80
90
80
mA
CKE ≥ VIH,
tRC = tRC (min.)
1, 2, 9
Operating current
(ACT-READ-PRE)
IDD1
-6B
-7A, -7B
115
110
115
110
mA
CKE ≥ VIH, BL = 4,
CL = 2.5,
tRC = tRC (min.)
1, 2, 5
Idle power down standby
current
IDD2P
5
5
mA
CKE ≤ VIL
4
Floating idle standby current IDD2F
20
20
mA
CKE ≥ VIH, /CS ≥ VIH,
DQ, DQS, DM = VREF
4, 5
Quiet idle standby current
IDD2Q
20
20
mA
CKE ≥ VIH, /CS ≥ VIH,
DQ, DQS, DM = VREF
4, 10
Active power down standby
current
IDD3P
30
30
mA
CKE ≤ VIL
3
Active standby current
IDD3N
55
55
mA
CKE ≥ VIH, /CS ≥ VIH
tRAS = tRAS (max.)
3, 5, 6
Operating current
(Burst read operation)
IDD4R
-6B
-7A, -7B
135
120
135
120
mA
CKE ≥ VIH, BL = 2,
CL = 2.5
1, 2, 5, 6
Operating current
(Burst write operation)
IDD4W
-6B
-7A, -7B
135
120
135
120
mA
CKE ≥ VIH, BL = 2,
CL = 2.5
1, 2, 5, 6
Auto-refresh current
IDD5
-6B
-7A, -7B
170
165
170
165
mA
tRFC = tRFC (min.),
Input ≤ VIL or ≥ VIH
Self-refresh current
IDD6
3
3
mA
Input ≥ VDD – 0.2 V
Input ≤ 0.2 V
Operating current
(4 banks interleaving)
IDD7A
300
300
mA
BL = 4
1, 5, 6, 7


Similar Part No. - EDD5116AGTA-LI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5116AGTA-4 ELPIDA-EDD5116AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD5116AGTA-4B-E ELPIDA-EDD5116AGTA-4B-E Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD5116AGTA-4C-E ELPIDA-EDD5116AGTA-4C-E Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDD5116AGTA-5B-E ELPIDA-EDD5116AGTA-5B-E Datasheet
500Kb / 52P
   512M bits DDR SDRAM
EDD5116AGTA-5C-E ELPIDA-EDD5116AGTA-5C-E Datasheet
500Kb / 52P
   512M bits DDR SDRAM
More results

Similar Description - EDD5116AGTA-LI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5116AFTA-TI ELPIDA-EDD5116AFTA-TI Datasheet
498Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5116ADTA-5CLI-E ELPIDA-EDD5116ADTA-5CLI-E Datasheet
571Kb / 48P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5108ADTA-TI ELPIDA-EDD5108ADTA-TI Datasheet
583Kb / 49P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5108ADTA-LI ELPIDA-EDD5108ADTA-LI Datasheet
582Kb / 49P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDE5116AJBG-LI ELPIDA-EDE5116AJBG-LI Datasheet
763Kb / 76P
   512M bits DDR2 SDRAM WTR (Wide Temperature Range)
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-TI ELPIDA-EDD2516AKTA-TI Datasheet
502Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD51161DBH-TS ELPIDA-EDD51161DBH-TS Datasheet
731Kb / 58P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com