Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD5108AGTA-5BLI-E Datasheet(PDF) 11 Page - Elpida Memory

Part # EDD5108AGTA-5BLI-E
Description  512M bits DDR SDRAM WTR (Wide Temperature Range)
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD5108AGTA-5BLI-E Datasheet(HTML) 11 Page - Elpida Memory

Back Button EDD5108AGTA-5BLI-E Datasheet HTML 7Page - Elpida Memory EDD5108AGTA-5BLI-E Datasheet HTML 8Page - Elpida Memory EDD5108AGTA-5BLI-E Datasheet HTML 9Page - Elpida Memory EDD5108AGTA-5BLI-E Datasheet HTML 10Page - Elpida Memory EDD5108AGTA-5BLI-E Datasheet HTML 11Page - Elpida Memory EDD5108AGTA-5BLI-E Datasheet HTML 12Page - Elpida Memory EDD5108AGTA-5BLI-E Datasheet HTML 13Page - Elpida Memory EDD5108AGTA-5BLI-E Datasheet HTML 14Page - Elpida Memory EDD5108AGTA-5BLI-E Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
EDD5108AGTA-LI, EDD5116AGTA-LI
Preliminary Data Sheet E1304E10 (Ver. 1.0)
11
Test Conditions
Parameter
Symbol
Value
Unit
Input reference voltage
VREF
VDDQ/2
V
Termination voltage
VTT
VREF
V
Input high voltage
VIH (AC)
VREF
+ 0.31
V
Input low voltage
VIL (AC)
VREF
− 0.31
V
Input differential voltage, CK and /CK
inputs
VID (AC)
0.62
V
Input differential cross point voltage,
CK and /CK inputs
VIX (AC)
VREF
V
Input signal slew rate
SLEW
1
V/ns
VTT
VREF
/CK
CK
VREF
VSS
SLEW = (VIH (AC) – VIL (AC))/
Δt
Measurement point
VIH
VIL
VDD
VDD
VSS
DQ
RT = 50
Ω
CL = 30pF
VIX
Δt
tCL
tCK
tCH
VID
Input Waveforms and Output Load


Similar Part No. - EDD5108AGTA-5BLI-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5108AGTA-5B-E ELPIDA-EDD5108AGTA-5B-E Datasheet
500Kb / 52P
   512M bits DDR SDRAM
More results

Similar Description - EDD5108AGTA-5BLI-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5116AFTA-TI ELPIDA-EDD5116AFTA-TI Datasheet
498Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5116ADTA-5CLI-E ELPIDA-EDD5116ADTA-5CLI-E Datasheet
571Kb / 48P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5108ADTA-TI ELPIDA-EDD5108ADTA-TI Datasheet
583Kb / 49P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDD5108ADTA-LI ELPIDA-EDD5108ADTA-LI Datasheet
582Kb / 49P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
EDE5116AJBG-LI ELPIDA-EDE5116AJBG-LI Datasheet
763Kb / 76P
   512M bits DDR2 SDRAM WTR (Wide Temperature Range)
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-TI ELPIDA-EDD2516AKTA-TI Datasheet
502Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD51161DBH-TS ELPIDA-EDD51161DBH-TS Datasheet
731Kb / 58P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com