Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE82FF4A1RR Datasheet(PDF) 6 Page - Elpida Memory

Part # EBE82FF4A1RR
Description  8GB Fully Buffered DIMM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE82FF4A1RR Datasheet(HTML) 6 Page - Elpida Memory

Back Button EBE82FF4A1RR Datasheet HTML 2Page - Elpida Memory EBE82FF4A1RR Datasheet HTML 3Page - Elpida Memory EBE82FF4A1RR Datasheet HTML 4Page - Elpida Memory EBE82FF4A1RR Datasheet HTML 5Page - Elpida Memory EBE82FF4A1RR Datasheet HTML 6Page - Elpida Memory EBE82FF4A1RR Datasheet HTML 7Page - Elpida Memory EBE82FF4A1RR Datasheet HTML 8Page - Elpida Memory EBE82FF4A1RR Datasheet HTML 9Page - Elpida Memory EBE82FF4A1RR Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
EBE82FF4A1RR
Preliminary Data Sheet E1339E20 (Ver. 2.0)
6
High-Speed Differential Point-to-Point Link (at 1.5 V) Interfaces
The AMB supports one FB-DIMM channel consisting of two bidirectional link interfaces using high-speed differential
point-to-point electrical signaling. The southbound input link is 10 lanes wide and carries commands and write data
from the host memory controller or the adjacent DIMM in the host direction. The southbound output link forwards
this same data to the next FB-DIMM. The northbound input link is 14 lanes wide and carries read return data or
status information from the next FB-DIMM in the chain back towards the host. The northbound output link forwards
this information back towards the host and multiplexes in any read return data or status information that is generated
internally. Data and commands sent to the DRAMs travel southbound on 10 primary differential signal line pairs.
Data received from the DRAMs and status information travel northbound on 14 primary differential pairs. Data and
commands sent to the adjacent DIMM upstream are repeated and travel further southbound on 10 secondary
differential pairs. Data and status information received from the adjacent DIMM upstream travel further northbound
on 14 secondary differential pairs.
DDR2 Channel
The DDR2 channel on the AMB supports direct connection to DDR2 SDRAMs. The DDR2 channel supports four
ranks of eight banks with 15 row/column request, 64 data, and eight check-bit signals. There are two copies of
address and command signals excluding chip select, to support DIMM routing and electrical requirements. Four
transfer bursts are driven on the data and check-bit lines at 800MHz. Propagation delays between read data/check-
bit strobe lanes on a given channel can differ. Each strobe can be calibrated by hardware state machines using
write/read trial and error. Hardware aligns the read data and check-bits to a single core clock. The AMB provides
four copies of the command clock phase references (CLK [3:0]) and write data/check-bit strobes (DQSs) for each
DRAM nibble.
SMBus Slave interface
The AMB supports an SMBus interface to allow system access to configuration register independent of the FB-DIMM
link. The AMB will never be a master on the SMBus, only a slave. Serial SMBus data transfer is supported at
100kHz. SMBus access to the AMB may be a requirement to boot and to set link strength, frequency and other
parameters needed to insure robust configurations. It is also required for diagnostic support when the link is down.
The SMBus address straps located on the DIMM connector are used by the unique ID.


Similar Part No. - EBE82FF4A1RR

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE82FF4A1RQ ELPIDA-EBE82FF4A1RQ Datasheet
216Kb / 23P
   8GB Fully Buffered DIMM
EBE82FF4A1RQ-6E-E ELPIDA-EBE82FF4A1RQ-6E-E Datasheet
216Kb / 23P
   8GB Fully Buffered DIMM
More results

Similar Description - EBE82FF4A1RR

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE81FF4ABHT ELPIDA-EBE81FF4ABHT Datasheet
235Kb / 22P
   8GB Fully Buffered DIMM
EBE82FF4A1RQ ELPIDA-EBE82FF4A1RQ Datasheet
216Kb / 23P
   8GB Fully Buffered DIMM
EBE21FE8ACFT ELPIDA-EBE21FE8ACFT Datasheet
201Kb / 22P
   2GB Fully Buffered DIMM
EBE51FD8AHFT ELPIDA-EBE51FD8AHFT Datasheet
198Kb / 22P
   512MB Fully Buffered DIMM
EBE41FE4ACFR ELPIDA-EBE41FE4ACFR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
EBE42FE8ACWR ELPIDA-EBE42FE8ACWR Datasheet
260Kb / 22P
   4GB Fully Buffered DIMM
EBE21FD4AGFD ELPIDA-EBE21FD4AGFD Datasheet
210Kb / 22P
   2GB Fully Buffered DIMM
EBE41FE4ABHT ELPIDA-EBE41FE4ABHT Datasheet
207Kb / 22P
   4GB Fully Buffered DIMM
EBE21FE8ACWR ELPIDA-EBE21FE8ACWR Datasheet
206Kb / 22P
   2GB Fully Buffered DIMM
EBE41FE4ACWR ELPIDA-EBE41FE4ACWR Datasheet
215Kb / 22P
   4GB Fully Buffered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com