Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ82HF4B1RA-8C-E Datasheet(PDF) 8 Page - Elpida Memory

Part # EBJ82HF4B1RA-8C-E
Description  8GB Registered DDR3 SDRAM DIMM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ82HF4B1RA-8C-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBJ82HF4B1RA-8C-E Datasheet HTML 4Page - Elpida Memory EBJ82HF4B1RA-8C-E Datasheet HTML 5Page - Elpida Memory EBJ82HF4B1RA-8C-E Datasheet HTML 6Page - Elpida Memory EBJ82HF4B1RA-8C-E Datasheet HTML 7Page - Elpida Memory EBJ82HF4B1RA-8C-E Datasheet HTML 8Page - Elpida Memory EBJ82HF4B1RA-8C-E Datasheet HTML 9Page - Elpida Memory EBJ82HF4B1RA-8C-E Datasheet HTML 10Page - Elpida Memory EBJ82HF4B1RA-8C-E Datasheet HTML 11Page - Elpida Memory EBJ82HF4B1RA-8C-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
EBJ82HF4B1RA
Data Sheet E1306E30 (Ver. 3.0)
8
Byte No. Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex
value
Comments
117
Module ID: manufacturer’s JEDEC ID
code, LSB
0
0
0
0
0
0
1
0
02H
Elpida Memory
118
Module ID: manufacturer’s JEDEC ID
code, MSB
1
1
1
1
1
1
1
0
FEH
Elpida Memory
119
Module ID: manufacturing location
×
×
×
×
×
×
×
×
××
120
Module ID: manufacturing date
×
×
×
×
×
×
×
×
××
Year code (BCD)
121
Module ID: manufacturing date
×
×
×
×
×
×
×
×
××
Week code (BCD)
122 to
125
Module ID: module serial number
×
×
×
×
×
×
×
×
××
126
Cyclical redundancy code (CRC)
-AE (Inphi)
0
1
1
0
0
1
1
1
67H
(TI)
1
1
1
1
1
0
0
0
F8H
-8C (Inphi)
1
1
1
1
1
1
1
1
FFH
(TI)
0
1
1
0
0
0
0
0
60H
127
Cyclical redundancy code (CRC)
-AE (Inphi)
1
1
0
0
1
1
0
0
CCH
(TI)
1
0
1
1
0
0
0
1
B1H
-8C (Inphi)
1
0
0
1
0
1
0
1
95H
(TI)
1
1
1
0
1
0
0
0
E8H
128
Module part number
0
1
0
0
0
1
0
1
45H
E
129
Module part number
0
1
0
0
0
0
1
0
42H
B
130
Module part number
0
1
0
0
1
0
1
0
4AH
J
131
Module part number
0
0
1
1
1
0
0
0
38H
8
132
Module part number
0
0
1
1
0
0
1
0
32H
2
133
Module part number
0
1
0
0
1
0
0
0
48H
H
134
Module part number
0
1
0
0
0
1
1
0
46H
F
135
Module part number
0
0
1
1
0
1
0
0
34H
4
136
Module part number
0
1
0
0
0
0
1
0
42H
B
137
Module part number
0
0
1
1
0
0
0
1
31H
1
138
Module part number
0
1
0
1
0
0
1
0
52H
R
139
Module part number
0
1
0
0
0
0
0
1
41H
A
140
Module part number
0
0
1
0
1
1
0
1
2DH
141
Module part number
-AE
0
1
0
0
0
0
0
1
41H
A
-8C
0
0
1
1
1
0
0
0
38H
8
142
Module part number
-AE
0
1
0
0
0
1
0
1
45H
E
-8C
0
1
0
0
0
0
1
1
43H
C
143
Module part number
0
0
1
0
1
1
0
1
2DH
144
Module part number
0
1
0
0
0
1
0
1
45H
E
145
Module part number
0
0
1
0
0
0
0
0
20H
(Space)
146
Module revision code
0
0
1
1
0
0
0
0
30H
Initial
147
Module revision code
0
0
1
0
0
0
0
0
20H
(Space)


Similar Part No. - EBJ82HF4B1RA-8C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ81UG8BAS0 ELPIDA-EBJ81UG8BAS0 Datasheet
229Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBJ81UG8BAS0-DJ-F ELPIDA-EBJ81UG8BAS0-DJ-F Datasheet
229Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBJ81UG8BAS0-GN-F ELPIDA-EBJ81UG8BAS0-GN-F Datasheet
229Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBJ81UG8BBU0 ELPIDA-EBJ81UG8BBU0 Datasheet
152Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBJ81UG8BBU0-DJ-F ELPIDA-EBJ81UG8BBU0-DJ-F Datasheet
152Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
More results

Similar Description - EBJ82HF4B1RA-8C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ81UG8BBU0 ELPIDA-EBJ81UG8BBU0 Datasheet
152Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBJ81UG8BAS0 ELPIDA-EBJ81UG8BAS0 Datasheet
229Kb / 16P
   8GB DDR3 SDRAM SO-DIMM
EBE82AF4A1RA ELPIDA-EBE82AF4A1RA Datasheet
248Kb / 31P
   8GB Registered DDR2 SDRAM DIMM
EBE81AF4ABHA ELPIDA-EBE81AF4ABHA Datasheet
250Kb / 29P
   8GB Registered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HMT112U6TFR8C-G7 HYNIX-HMT112U6TFR8C-G7 Datasheet
610Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT112U7BFR8A HYNIX-HMT112U7BFR8A Datasheet
532Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
logo
Elpida Memory
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
EBJ42HE8BAFA ELPIDA-EBJ42HE8BAFA Datasheet
210Kb / 22P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFA ELPIDA-EBJ41HE4BDFA Datasheet
205Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
EBJ41HE4BDFD ELPIDA-EBJ41HE4BDFD Datasheet
208Kb / 19P
   4GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com