Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ21EE8BAWA-8C-E Datasheet(PDF) 3 Page - Elpida Memory

Part # EBJ21EE8BAWA-8C-E
Description  2GB Unbuffered DDR3 SDRAM DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ21EE8BAWA-8C-E Datasheet(HTML) 3 Page - Elpida Memory

  EBJ21EE8BAWA-8C-E Datasheet HTML 1Page - Elpida Memory EBJ21EE8BAWA-8C-E Datasheet HTML 2Page - Elpida Memory EBJ21EE8BAWA-8C-E Datasheet HTML 3Page - Elpida Memory EBJ21EE8BAWA-8C-E Datasheet HTML 4Page - Elpida Memory EBJ21EE8BAWA-8C-E Datasheet HTML 5Page - Elpida Memory EBJ21EE8BAWA-8C-E Datasheet HTML 6Page - Elpida Memory EBJ21EE8BAWA-8C-E Datasheet HTML 7Page - Elpida Memory EBJ21EE8BAWA-8C-E Datasheet HTML 8Page - Elpida Memory EBJ21EE8BAWA-8C-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
EBJ21EE8BAWA
Data Sheet E1367E30 (Ver. 3.0)
3
Pin Configurations
1 pin
Front side
Back side
48 pin 49 pin
120 pin
121 pin
168 pin 169 pin
240 pin
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VREFDQ
61
A2
121
VSS
181
A1
2
VSS
62
VDD
122
DQ4
182
VDD
3
DQ0
63
CK1
123
DQ5
183
VDD
4
DQ1
64
/CK1
124
VSS
184
CK0
5
VSS
65
VDD
125
DM0
185
/CK0
6
/DQS0
66
VDD
126
NC
186
VDD
7
DQS0
67
VREFCA
127
VSS
187
/EVENT
8
VSS
68
NC
128
DQ6
188
A0
9
DQ2
69
VDD
129
DQ7
189
VDD
10
DQ3
70
A10(AP)
130
VSS
190
BA1
11
VSS
71
BA0
131
DQ12
191
VDD
12
DQ8
72
VDD
132
DQ13
192
/RAS
13
DQ9
73
/WE
133
VSS
193
/CS0
14
VSS
74
/CAS
134
DM1
194
VDD
15
/DQS1
75
VDD
135
NC
195
ODT0
16
DQS1
76
/CS1
136
VSS
196
A13
17
VSS
77
ODT1
137
DQ14
197
VDD
18
DQ10
78
VDD
138
DQ15
198
NC
19
DQ11
79
NC
139
VSS
199
VSS
20
VSS
80
VSS
140
DQ20
200
DQ36
21
DQ16
81
DQ32
141
DQ21
201
DQ37
22
DQ17
82
DQ33
142
VSS
202
VSS
23
VSS
83
VSS
143
DM2
203
DM4
24
/DQS2
84
/DQS4
144
NC
204
NC
25
DQS2
85
DQS4
145
VSS
205
VSS
26
VSS
86
VSS
146
DQ22
206
DQ38
27
DQ18
87
DQ34
147
DQ23
207
DQ39
28
DQ19
88
DQ35
148
VSS
208
VSS
29
VSS
89
VSS
149
DQ28
209
DQ44
30
DQ24
90
DQ40
150
DQ29
210
DQ45
31
DQ25
91
DQ41
151
VSS
211
VSS
32
VSS
92
VSS
152
DM3
212
DM5
33
/DQS3
93
/DQS5
153
NC
213
NC
34
DQS3
94
DQS5
154
VSS
214
VSS
35
VSS
95
VSS
155
DQ30
215
DQ46
36
DQ26
96
DQ42
156
DQ31
216
DQ47


Similar Part No. - EBJ21EE8BAWA-8C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA-8C-E ELPIDA-EBJ21EE8BAFA-8C-E Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA-AE-E ELPIDA-EBJ21EE8BAFA-AE-E Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA-DJ-E ELPIDA-EBJ21EE8BAFA-DJ-E Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
More results

Similar Description - EBJ21EE8BAWA-8C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ20EF8BCFA ELPIDA-EBJ20EF8BCFA Datasheet
211Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ20UF8BCF0 ELPIDA-EBJ20UF8BCF0 Datasheet
272Kb / 16P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BAFA ELPIDA-EBJ21EE8BAFA Datasheet
208Kb / 18P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BDF0 ELPIDA-EBJ21UE8BDF0 Datasheet
218Kb / 21P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21EE8BDFA ELPIDA-EBJ21EE8BDFA Datasheet
227Kb / 17P
   2GB Unbuffered DDR3 SDRAM DIMM
EBJ21UE8BFU1 ELPIDA-EBJ21UE8BFU1 Datasheet
232Kb / 16P
   2GB DDR3 SDRAM SO-DIMM
EBJ21UE8BDS1 ELPIDA-EBJ21UE8BDS1 Datasheet
196Kb / 18P
   2GB DDR3 SDRAM SO-DIMM
EBE21UE8ACFA ELPIDA-EBE21UE8ACFA Datasheet
251Kb / 29P
   2GB Unbuffered DDR2 SDRAM DIMM
EBE21UE8AEFA ELPIDA-EBE21UE8AEFA Datasheet
252Kb / 30P
   2GB Unbuffered DDR2 SDRAM DIMM
EBJ21RE8BAFA ELPIDA-EBJ21RE8BAFA Datasheet
227Kb / 20P
   2GB Registered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com