Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBJ10EE8BAWA-8C-E Datasheet(PDF) 5 Page - Elpida Memory

Part # EBJ10EE8BAWA-8C-E
Description  1GB Unbuffered DDR3 SDRAM DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ10EE8BAWA-8C-E Datasheet(HTML) 5 Page - Elpida Memory

  EBJ10EE8BAWA-8C-E Datasheet HTML 1Page - Elpida Memory EBJ10EE8BAWA-8C-E Datasheet HTML 2Page - Elpida Memory EBJ10EE8BAWA-8C-E Datasheet HTML 3Page - Elpida Memory EBJ10EE8BAWA-8C-E Datasheet HTML 4Page - Elpida Memory EBJ10EE8BAWA-8C-E Datasheet HTML 5Page - Elpida Memory EBJ10EE8BAWA-8C-E Datasheet HTML 6Page - Elpida Memory EBJ10EE8BAWA-8C-E Datasheet HTML 7Page - Elpida Memory EBJ10EE8BAWA-8C-E Datasheet HTML 8Page - Elpida Memory EBJ10EE8BAWA-8C-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
EBJ10EE8BAWA
Data Sheet E1368E30 (Ver. 3.0)
5
Pin Description
Pin name
Function
A0 to A13
Address input
Row address
A0 to A13
Column address
A0 to A9
A10 (AP)
Auto precharge
A12 (/BC)
Burst chop
BA0, BA1, BA2
Bank select address
DQ0 to DQ63
Data input/output
CB0 to CB7
Check bit (Data input/output)
/RAS
Row address strobe command
/CAS
Column address strobe command
/WE
Write enable
/CS0
Chip select
CKE0
Clock enable
CK0
Clock input
/CK0
Differential clock input
DQS0 to DQS8, /DQS0 to /DQS8
Input and output data strobe
DM0 to DM8
Input mask
SCL
Clock input for serial PD
SDA
Data input/output for serial PD
SA0, SA1, SA2
Serial address input
VDD
Power for internal circuit
VDDSPD
Power for serial EEPROM
VREFCA
Reference voltage for CA
VREFDQ
Reference voltage for DQ
VSS
Ground
VTT
I/O termination supply for SDRAM
/RESET
Set DRAM to known state
ODT0
ODT control
/EVENT
Temperature event pin
NC
No connection


Similar Part No. - EBJ10EE8BAWA-8C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ10EE8BAFA ELPIDA-EBJ10EE8BAFA Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10EE8BAFA-8C-E ELPIDA-EBJ10EE8BAFA-8C-E Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10EE8BAFA-AE-E ELPIDA-EBJ10EE8BAFA-AE-E Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10EE8BAFA-DJ-E ELPIDA-EBJ10EE8BAFA-DJ-E Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
More results

Similar Description - EBJ10EE8BAWA-8C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBJ10UE8BDF0 ELPIDA-EBJ10UE8BDF0 Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10EE8BAFA ELPIDA-EBJ10EE8BAFA Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBD11UD8ABFA ELPIDA-EBD11UD8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
EBE10UE8AEWA ELPIDA-EBE10UE8AEWA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBD11ED8ABFA ELPIDA-EBD11ED8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com