Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE1104AFSE Datasheet(PDF) 2 Page - Elpida Memory

Part # EDE1104AFSE
Description  1G bits DDR2 SDRAM
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE1104AFSE Datasheet(HTML) 2 Page - Elpida Memory

  EDE1104AFSE Datasheet HTML 1Page - Elpida Memory EDE1104AFSE Datasheet HTML 2Page - Elpida Memory EDE1104AFSE Datasheet HTML 3Page - Elpida Memory EDE1104AFSE Datasheet HTML 4Page - Elpida Memory EDE1104AFSE Datasheet HTML 5Page - Elpida Memory EDE1104AFSE Datasheet HTML 6Page - Elpida Memory EDE1104AFSE Datasheet HTML 7Page - Elpida Memory EDE1104AFSE Datasheet HTML 8Page - Elpida Memory EDE1104AFSE Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
EDE1104AFSE, EDE1108AFSE
Data Sheet E1390E30 (Ver. 3.0)
2
Ordering Information
Part number
Die
revision
Organization
(words
× bits)
Internal
Banks
Speed bin
(CL-tRCD-tRP)
Package
EDE1104AFSE-8E-F
EDE1104AFSE-8G-F
EDE1104AFSE-6E-F
F
256M
× 4
8
DDR2-800 (5-5-5)
DDR2-800 (6-6-6)
DDR2-667 (5-5-5)
60-ball FBGA
EDE1108AFSE-8E-F
EDE1108AFSE-8G-F
EDE1108AFSE-6E-F
128M
× 8
DDR2-800 (5-5-5)
DDR2-800 (6-6-6)
DDR2-667 (5-5-5)
Part Number
Elpida Memory
Density / Bank
11: 1Gb / 8-bank
Organization
04: x4
08: x8
Power Supply, Interface
A: 1.8V, SSTL_18
Die Rev.
Package
SE: FBGA
Speed
8E: DDR2-800 (5-5-5)
8G: DDR2-800 (6-6-6)
6E: DDR2-667 (5-5-5)
Product Family
E: DDR2
Type
D: Monolithic Device
EDE1104AFSE - 8E-F
Environment code
F: Lead Free (RoHS compliant)
and Halogen Free


Similar Part No. - EDE1104AFSE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104AASE ELPIDA-EDE1104AASE Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1104AASE-4A-E ELPIDA-EDE1104AASE-4A-E Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1104AASE-5C-E ELPIDA-EDE1104AASE-5C-E Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1104AASE-6E-E ELPIDA-EDE1104AASE-6E-E Datasheet
697Kb / 65P
   1G bits DDR2 SDRAM organized as 33,554,432 words x 8 banks.
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
More results

Similar Description - EDE1104AFSE

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE1104ACBG ELPIDA-EDE1104ACBG Datasheet
816Kb / 82P
   1G bits DDR2 SDRAM
EDE1116BEBG ELPIDA-EDE1116BEBG Datasheet
801Kb / 77P
   1G bits DDR2 SDRAM
EDE1108AESE ELPIDA-EDE1108AESE Datasheet
785Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1J-F ELPIDA-EDE1108AJBG-1J-F Datasheet
566Kb / 74P
   1G bits DDR2 SDRAM
EDE1104ACSE ELPIDA-EDE1104ACSE Datasheet
819Kb / 82P
   1G bits DDR2 SDRAM
EDE1104ABSE ELPIDA-EDE1104ABSE Datasheet
644Kb / 82P
   1G bits DDR2 SDRAM
EDE1108AEBG ELPIDA-EDE1108AEBG Datasheet
631Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG-1 ELPIDA-EDE1108AJBG-1 Datasheet
571Kb / 74P
   1G bits DDR2 SDRAM
EDE1108AFBG ELPIDA-EDE1108AFBG Datasheet
770Kb / 78P
   1G bits DDR2 SDRAM
EDE1108AJBG ELPIDA-EDE1108AJBG Datasheet
571Kb / 75P
   1G bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com