Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE41AE4ACWA Datasheet(PDF) 10 Page - Elpida Memory

Part # EBE41AE4ACWA
Description  4GB Registered DDR2 SDRAM DIMM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE41AE4ACWA Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBE41AE4ACWA Datasheet HTML 6Page - Elpida Memory EBE41AE4ACWA Datasheet HTML 7Page - Elpida Memory EBE41AE4ACWA Datasheet HTML 8Page - Elpida Memory EBE41AE4ACWA Datasheet HTML 9Page - Elpida Memory EBE41AE4ACWA Datasheet HTML 10Page - Elpida Memory EBE41AE4ACWA Datasheet HTML 11Page - Elpida Memory EBE41AE4ACWA Datasheet HTML 12Page - Elpida Memory EBE41AE4ACWA Datasheet HTML 13Page - Elpida Memory EBE41AE4ACWA Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
EBE41AE4ACWA
Data Sheet E1394E10 (Ver. 1.0)
10
Electrical Specifications
• All voltages are referenced to VSS (GND).
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Notes
Voltage on any pin relative to VSS
VT
–0.5 to +2.3
V
1
Supply voltage relative to VSS
VDD
–0.5 to +2.3
V
Short circuit output current
IOS
50
mA
1
Power dissipation
PD
18
W
Operating case temperature
TC
0 to +95
°C
1, 2
Storage temperature
Tstg
–55 to +100
°C
1
Notes: 1. DDR2 SDRAM component specification.
2. Supporting 0°C to +85°C and being able to extend to +95°C with doubling auto-refresh commands in
frequency to a 32ms period (tREFI = 3.9
µs) and higher temperature self-refresh entry via the control of
EMRS (2) bit A7 is required.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Operating Conditions (TC = 0
°C to +85°C) (DDR2 SDRAM Component Specification)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
1.7
1.8
1.9
V
4
VSS
0
0
0
V
VDDSPD
1.7
3.6
V
Input reference voltage
VREF
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
1, 2
Termination voltage
VTT
VREF
− 0.04
VREF
VREF + 0.04
V
3
DC input logic high
VIH (DC)
VREF + 0.125
VDDQ + 0.3
V
DC input low
VIL (DC)
−0.3
VREF – 0.125
V
AC input logic high
VIH (AC)
VREF + 0.200
V
AC input low
VIL (AC)
VREF – 0.200
V
Notes: 1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically
the value of VREF is expected to be about 0.5
× VDDQ of the transmitting device and VREF are expected
to track variations in VDDQ.
2. Peak to peak AC noise on VREF may not exceed
±2% VREF (DC).
3. VTT of transmitting device must track VREF of receiving device.
4. VDDQ must be equal to VDD.


Similar Part No. - EBE41AE4ACWA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AE4ACFA ELPIDA-EBE41AE4ACFA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ACFA-6E-E ELPIDA-EBE41AE4ACFA-6E-E Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ACFA-8E-E ELPIDA-EBE41AE4ACFA-8E-E Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE41AE4ACWA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41RE4ACFA ELPIDA-EBE41RE4ACFA Datasheet
272Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
EBE42AE8ACFA ELPIDA-EBE42AE8ACFA Datasheet
331Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP04G72G1AH2MT-30R ETC2-SEP04G72G1AH2MT-30R Datasheet
1Mb / 16P
   4GB DDR2 . SDRAM registered DIMM
logo
Elpida Memory
EBE41RE4ABHA ELPIDA-EBE41RE4ABHA Datasheet
258Kb / 29P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ABHA ELPIDA-EBE41AE4ABHA Datasheet
240Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AE4ACFA ELPIDA-EBE41AE4ACFA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE41AF4A1QB ELPIDA-EBE41AF4A1QB Datasheet
265Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
EBE41AF4A1QA ELPIDA-EBE41AF4A1QA Datasheet
238Kb / 27P
   4GB VLP Registered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
logo
Elpida Memory
EBE41EF8ABFA ELPIDA-EBE41EF8ABFA Datasheet
255Kb / 30P
   4GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com