Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE20AE4ACWA Datasheet(PDF) 5 Page - Elpida Memory

Part # EBE20AE4ACWA
Description  2GB Registered DDR2 SDRAM DIMM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE20AE4ACWA Datasheet(HTML) 5 Page - Elpida Memory

  EBE20AE4ACWA Datasheet HTML 1Page - Elpida Memory EBE20AE4ACWA Datasheet HTML 2Page - Elpida Memory EBE20AE4ACWA Datasheet HTML 3Page - Elpida Memory EBE20AE4ACWA Datasheet HTML 4Page - Elpida Memory EBE20AE4ACWA Datasheet HTML 5Page - Elpida Memory EBE20AE4ACWA Datasheet HTML 6Page - Elpida Memory EBE20AE4ACWA Datasheet HTML 7Page - Elpida Memory EBE20AE4ACWA Datasheet HTML 8Page - Elpida Memory EBE20AE4ACWA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
EBE20AE4ACWA
Data Sheet E1395E10 (Ver. 1.0)
5
Serial PD Matrix
Byte No. Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value Comments
0
Number of bytes utilized by module
manufacturer
1
0
0
0
0
0
0
0
80H
128 bytes
1
Total number of bytes in serial PD
device
0
0
0
0
1
0
0
0
08H
256 bytes
2
Memory type
0
0
0
0
1
0
0
0
08H
DDR2 SDRAM
3
Number of row address
0
0
0
0
1
1
1
0
0EH
14
4
Number of column address
0
0
0
0
1
0
1
1
0BH
11
5
Number of DIMM ranks
0
1
1
0
0
0
0
0
60H
1
6
Module data width
0
1
0
0
1
0
0
0
48H
72
7
Module data width continuation
0
0
0
0
0
0
0
0
00H
0
8
Voltage interface level of this assembly 0
0
0
0
0
1
0
1
05H
SSTL 1.8V
9
DDR SDRAM cycle time, CL = 5
-8E
0
0
1
0
0
1
0
1
25H
2.5ns*
1
-6E
0
0
1
1
0
0
0
0
30H
3.0ns*
1
10
SDRAM access from clock (tAC)
-8E
0
1
0
0
0
0
0
0
40H
0.4ns*
1
-6E
0
1
0
0
0
1
0
1
45H
0.45ns*
1
11
DIMM configuration type
0
0
0
0
0
1
1
0
06H
ECC, Address/
Command Parity
12
Refresh rate/type
1
0
0
0
0
0
1
0
82H
7.8
µs
13
Primary SDRAM width
0
0
0
0
0
1
0
0
04H
× 4
14
Error checking SDRAM width
0
0
0
0
0
1
0
0
04H
× 4
15
Reserved
0
0
0
0
0
0
0
0
00H
0
16
SDRAM device attributes:
Burst length supported
0
0
0
0
1
1
0
0
0CH
4,8
17
SDRAM device attributes: Number of
banks on SDRAM device
0
0
0
0
1
0
0
0
08H
8
18
SDRAM device attributes:
/CAS latency
0
0
1
1
1
0
0
0
38H
3, 4, 5
19
DIMM Mechanical Characteristics
0
0
0
0
0
0
0
1
01H
4.00mm max.
20
DIMM type information
0
0
0
0
0
0
0
1
01H
Registered
21
SDRAM module attributes
0
0
0
0
0
0
0
0
00H
Normal
22
SDRAM device attributes: General
0
0
0
0
0
0
1
1
03H
Weak Driver
50
Ω ODT Support
23
Minimum clock cycle time at CL = 4
0
0
1
1
1
1
0
1
3DH
3.75ns*
1
24
Maximum data access time (tAC) from
clock at CL = 4
0
1
0
1
0
0
0
0
50H
0.5ns*
1
25
Minimum clock cycle time at CL = 3
0
1
0
1
0
0
0
0
50H
5.0ns*
1
26
Maximum data access time (tAC) from
clock at CL = 3
0
1
1
0
0
0
0
0
60H
0.6ns*
1
27
Minimum row precharge time (tRP)
-8E
0
0
1
1
0
0
1
0
32H
12.5ns
-6E
0
0
1
1
1
1
0
0
3CH
15ns
28
Minimum row active to row active
delay (tRRD)
0
0
0
1
1
1
1
0
1EH
7.5ns
29
Minimum /RAS to /CAS delay (tRCD)
-8E
0
0
1
1
0
0
1
0
32H
12.5ns
-6E
0
0
1
1
1
1
0
0
3CH
15ns
30
Minimum active to precharge time
(tRAS)
0
0
1
0
1
1
0
1
2DH
45ns


Similar Part No. - EBE20AE4ACWA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE20AE4ACFA ELPIDA-EBE20AE4ACFA Datasheet
240Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE20AE4ACFA-6E-E ELPIDA-EBE20AE4ACFA-6E-E Datasheet
240Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE20AE4ACFA-8E-E ELPIDA-EBE20AE4ACFA-8E-E Datasheet
240Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE20AE4ACWA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE21AD4AGFA ELPIDA-EBE21AD4AGFA Datasheet
209Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE20AE4ABFA ELPIDA-EBE20AE4ABFA Datasheet
236Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AJFA ELPIDA-EBE21RD4AJFA Datasheet
261Kb / 30P
   2GB Registered DDR2 SDRAM DIMM
EBE21AE8ACFA ELPIDA-EBE21AE8ACFA Datasheet
243Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72D1BH2MT-25R ETC2-SEP02G72D1BH2MT-25R Datasheet
669Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE21AE8ACWA ELPIDA-EBE21AE8ACWA Datasheet
243Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com