Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE20AE4ACWA-6E-E Datasheet(PDF) 8 Page - Elpida Memory

Part # EBE20AE4ACWA-6E-E
Description  2GB Registered DDR2 SDRAM DIMM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE20AE4ACWA-6E-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBE20AE4ACWA-6E-E Datasheet HTML 4Page - Elpida Memory EBE20AE4ACWA-6E-E Datasheet HTML 5Page - Elpida Memory EBE20AE4ACWA-6E-E Datasheet HTML 6Page - Elpida Memory EBE20AE4ACWA-6E-E Datasheet HTML 7Page - Elpida Memory EBE20AE4ACWA-6E-E Datasheet HTML 8Page - Elpida Memory EBE20AE4ACWA-6E-E Datasheet HTML 9Page - Elpida Memory EBE20AE4ACWA-6E-E Datasheet HTML 10Page - Elpida Memory EBE20AE4ACWA-6E-E Datasheet HTML 11Page - Elpida Memory EBE20AE4ACWA-6E-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
EBE20AE4ACWA
Data Sheet E1395E10 (Ver. 1.0)
8
Block Diagram
DQS
DM
DQ0 to DQ3
4
DQS0
RS
/CS
D0
/RCS0
VSS
DQ8 to DQ11
4
DQS1
RS
RS
RS
RS
RS
RS
RS
RS
/CS*2
BA0 to BA2
A0 to A13
/RAS
/CAS
CKE0
/WE
ODT0
/RCS0 -> /CS: SDRAMs D0 to D17
RBA0 to RBA2 -> BA0 to BA2: SDRAMs D0 to D17
RA0 to RA13 -> A0 to A13: SDRAMs D0 to D17
/RRAS -> /RAS: SDRAMs D0 to D17
/RCAS -> /CAS: SDRAMs D0 to D17
RCKE0 -> CKE: SDRAMs D0 to D17
/RWE -> /WE: SDRAMs D0 to D17
RODT0 -> ODT0: SDRAMs D0 to D17
R
E
G
I
S
T
E
R
/PCK7*3
/RESET*3
/DQS0
/DQS
DQS
DM
/CS
D1
/DQS
/DQS1
DQ16 to DQ19
4
DQS2
RS
DQS
DM
/CS
D2
/DQS
/DQS2
DQ24 to DQ27
4
DQS3
RS
DQS
DM
/CS
D3
/DQS
/DQS3
DQ32 to DQ35
4
DQS4
RS
DQS
DM
/CS
D4
/DQS
/DQS4
DQ40 to DQ43
4
DQS5
RS
DQS
DM
/CS
D5
/DQS
/DQS5
DQ48 to DQ51
4
DQS6
RS
DQS
DM
/CS
D6
/DQS
/DQS6
DQ56 to DQ59
4
DQS7
RS
DQS
DM
/CS
D7
/DQS
/DQS7
CB0 to CB3
4
DQS8
RS
DQ0
to DQ3
DQS
DM
/CS
D8
/DQS
/DQS8
DQS
DM
DQ4 to DQ7
4
DQS9
RS
/CS
D9
DQ12 to DQ15
4
RS
/DQS9
/DQS
DQS
DM
/CS
D10
/DQS
DQ20 to DQ23
4
RS
DQS
DM
/CS
D11
/DQS
DQ28 to DQ31
4
RS
DQS
DM
/CS
D12
/DQS
DQ36 to DQ39
4
RS
DQS
DM
/CS
D13
/DQS
DQ44 to DQ47
4
RS
DQS
DM
/CS
D14
/DQS
DQ52 to DQ55
4
RS
DQS
DM
/CS
D15
/DQS
DQ60 to DQ63
4
RS
DQS
DM
/CS
D16
/DQS
CB4 to CB7
4
RS
DQS
DM
/CS
D17
/DQS
DQS10
/DQS10
DQS11
/DQS11
DQS12
/DQS12
DQS13
/DQS13
DQS14
/DQS14
DQS15
/DQS15
DQS16
/DQS16
DQS17
/DQS17
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
DQ0
to DQ3
RS
/RST
PCK7*3
Notes:
1. DQ wring may be changed within a nibble.
2. /CS connects to /DCS of register and /CSR of register2.
/CSR of register1 and /DCS of register2 connects to VDD.
3. /RESET, PCK7 and /PCK7 connect to both registers.
Other signals to one of two registers.
P
L
L
OE
CK0
/CK0
/RESET
PCK0 to PCK6, PCK8, PCK9 -> CK: SDRAMs D0 to D17
/PCK0 to /PCK6, /PCK8, /PCK9 -> /CK: SDRAMs D0 to D17
PCK7 -> CK:
register
/PCK7 -> /CK:
register
D0 to D17: 1G bits DDR2 SDRAM
U0: 2K bits EEPROM
RS: 22Ω
PLL: CUA877
Register: SSTUB32866
Serial PD
SDA
A0 A1 A2
SA0 SA1 SA2
SCL
SCL
U0
SDA
WP
Serial PD
D0 to D17
D0 to D17
D0 to D17
VDDSPD
VSS
VREF
VDD
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
RS
Signals for Address and Command Parity Function
Par_In
100k
/QERR
VSS
VDD
C0
C1
Register A
PPO
PAR_IN
/QERR
VDD
VDD
C0
C1
Register B
PPO
PAR_IN
/Err_Out


Similar Part No. - EBE20AE4ACWA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE20AE4ACFA ELPIDA-EBE20AE4ACFA Datasheet
240Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE20AE4ACFA-6E-E ELPIDA-EBE20AE4ACFA-6E-E Datasheet
240Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE20AE4ACFA-8E-E ELPIDA-EBE20AE4ACFA-8E-E Datasheet
240Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
More results

Similar Description - EBE20AE4ACWA-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE21AD4AGFA ELPIDA-EBE21AD4AGFA Datasheet
209Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE20AE4ABFA ELPIDA-EBE20AE4ABFA Datasheet
236Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AJFA ELPIDA-EBE21RD4AJFA Datasheet
261Kb / 30P
   2GB Registered DDR2 SDRAM DIMM
EBE21AE8ACFA ELPIDA-EBE21AE8ACFA Datasheet
243Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
logo
List of Unclassifed Man...
SEP02G72D1BH2MT-25R ETC2-SEP02G72D1BH2MT-25R Datasheet
669Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
logo
Elpida Memory
EBE21AE8ACWA ELPIDA-EBE21AE8ACWA Datasheet
243Kb / 27P
   2GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com