Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE10UE8ACWB-6E-E Datasheet(PDF) 11 Page - Elpida Memory

Part # EBE10UE8ACWB-6E-E
Description  1GB Unbuffered DDR2 SDRAM DIMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE10UE8ACWB-6E-E Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBE10UE8ACWB-6E-E Datasheet HTML 7Page - Elpida Memory EBE10UE8ACWB-6E-E Datasheet HTML 8Page - Elpida Memory EBE10UE8ACWB-6E-E Datasheet HTML 9Page - Elpida Memory EBE10UE8ACWB-6E-E Datasheet HTML 10Page - Elpida Memory EBE10UE8ACWB-6E-E Datasheet HTML 11Page - Elpida Memory EBE10UE8ACWB-6E-E Datasheet HTML 12Page - Elpida Memory EBE10UE8ACWB-6E-E Datasheet HTML 13Page - Elpida Memory EBE10UE8ACWB-6E-E Datasheet HTML 14Page - Elpida Memory EBE10UE8ACWB-6E-E Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
EBE10UE8ACWB
Data Sheet E1400E10 (Ver. 1.0)
11
AC Overshoot/Undershoot Specification (DDR2 SDRAM Component Specification)
Parameter
Pins
Specification
Unit
Maximum peak amplitude allowed for overshoot
Command, Address,
CKE, ODT
0.5
V
Maximum peak amplitude allowed for undershoot
0.5
V
Maximum overshoot area above VDD
DDR2-800
0.66
V-ns
DDR2-667
0.8
V-ns
Maximum undershoot area below VSS
DDR2-800
0.66
V-ns
DDR2-667
0.8
V-ns
Maximum peak amplitude allowed for overshoot
CK, /CK
0.5
V
Maximum peak amplitude allowed for undershoot
0.5
V
Maximum overshoot area above VDD
0.23
V-ns
Maximum undershoot area below VSS
0.23
V-ns
Maximum peak amplitude allowed for overshoot
DQ, DQS, /DQS,
0.5
V
Maximum peak amplitude allowed for undershoot
UDQS, /UDQS,
LDQS, /LDQS,
0.5
V
Maximum overshoot area above VDDQ
RDQS, /RDQS,
DM, UDM, LDM
0.23
V-ns
Maximum undershoot area below VSSQ
0.23
V-ns
Maximum amplitude
Overshoot area
Undershoot area
Volts (V)
Time (ns)
VDD, VDDQ
VSS, VSSQ
Overshoot/Undershoot Definition


Similar Part No. - EBE10UE8ACWB-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8ACWA ELPIDA-EBE10UE8ACWA Datasheet
216Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACWA-6E-E ELPIDA-EBE10UE8ACWA-6E-E Datasheet
216Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACWA-8E-E ELPIDA-EBE10UE8ACWA-8E-E Datasheet
216Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACWA-8G-E ELPIDA-EBE10UE8ACWA-8G-E Datasheet
216Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
More results

Similar Description - EBE10UE8ACWB-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHWA ELPIDA-EBE11UD8AHWA Datasheet
213Kb / 28P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACFA ELPIDA-EBE10UE8ACFA Datasheet
242Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AEWA ELPIDA-EBE10UE8AEWA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AHFA ELPIDA-EBE11UD8AHFA Datasheet
188Kb / 23P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AGWA ELPIDA-EBE11ED8AGWA Datasheet
222Kb / 25P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11UD8AJWA ELPIDA-EBE11UD8AJWA Datasheet
249Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8AFFA ELPIDA-EBE10UE8AFFA Datasheet
228Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE10UE8ACWA ELPIDA-EBE10UE8ACWA Datasheet
216Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com