Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD10321BBH-TS Datasheet(PDF) 1 Page - Elpida Memory

Part # EDD10321BBH-TS
Description  1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD10321BBH-TS Datasheet(HTML) 1 Page - Elpida Memory

  EDD10321BBH-TS Datasheet HTML 1Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 2Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 3Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 4Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 5Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 6Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 7Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 8Page - Elpida Memory EDD10321BBH-TS Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Document No. E1403E30 (Ver. 3.0)
Date Published October 2009 (K) Japan
Printed in Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2008-2009
PRELIMINARY DATA SHEET
1G bits DDR Mobile RAM
WTR (Wide Temperature Range)
EDD10321BBH-TS (32M words
× 32 bits)
Specifications
• Density: 1G bits
• Organization: 8M words × 32 bits × 4 banks
• Package: 90-ball FBGA
 Lead-free (RoHS compliant) and Halogen-free
• Power supply: VDD, VDDQ = 1.7V to 1.95V
• Data rate: 400Mbps/333Mbps (max.)
• 4KB page size
 Row address: A0 to A12
 Column address: A0 to A9
• Four internal banks for concurrent operation
• Interface: LVCMOS
• Burst lengths (BL): 2, 4, 8
• Burst type (BT):
 Sequential (2, 4, 8)
 Interleave (2, 4, 8)
• /CAS Latency (CL): 3
• Precharge: auto precharge option for each burst
access
• Driver strength: normal, 1/2, 1/4
• Refresh: auto-refresh, self-refresh
• Refresh cycles: 8192 cycles/64ms
 Average refresh period: 7.8µs
• Operating ambient temperature range
 TA = −25°C to +85°C
Features
• DLL is not implemented
• Low power consumption
• Double-data-rate architecture; two data transfers per
one clock cycle
• The high-speed data transfer is realized by the 2 bits
prefetch pipelined architecture
• Bi-directional data strobe (DQS) is transmitted
/received with data for capturing data at the receiver.
• Data inputs, outputs, and DM are synchronized with
DQS
• DQS is edge-aligned with data for READs; center-
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• Commands entered on each positive CK edge: data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Burst termination by burst stop command and
Precharge command
• Wide temperature range
 TA = −25°C to +85°C
• Low Power Function below is not supported
 Partal Array Self-Refresh (PASR)
 Auto Temperature Compensated Self-Refresh
 Deep power-down mode


Similar Part No. - EDD10321BBH-TS

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD10323BBH-5BLS-F ELPIDA-EDD10323BBH-5BLS-F Datasheet
791Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10323BBH-6ELS-F ELPIDA-EDD10323BBH-6ELS-F Datasheet
791Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10323BBH-LS ELPIDA-EDD10323BBH-LS Datasheet
791Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
More results

Similar Description - EDD10321BBH-TS

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD10161BBH-TS ELPIDA-EDD10161BBH-TS Datasheet
731Kb / 58P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD10323BBH-LS ELPIDA-EDD10323BBH-LS Datasheet
791Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD10163BBH-LS ELPIDA-EDD10163BBH-LS Datasheet
817Kb / 60P
   1G bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD12322GBH-TS ELPIDA-EDD12322GBH-TS Datasheet
737Kb / 57P
   128M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51321DBH-TS ELPIDA-EDD51321DBH-TS Datasheet
733Kb / 58P
   512M bits DDR Mobile RAM?? WTR (Wide Temperature Range)
EDD2532DGBH-TT ELPIDA-EDD2532DGBH-TT Datasheet
767Kb / 57P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDD51161DBH-TS ELPIDA-EDD51161DBH-TS Datasheet
731Kb / 58P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range)
EDS51321DBH-TS ELPIDA-EDS51321DBH-TS Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
EDD25163HBH-LS ELPIDA-EDD25163HBH-LS Datasheet
788Kb / 60P
   256M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
EDD51163DBH-LS ELPIDA-EDD51163DBH-LS Datasheet
788Kb / 60P
   512M bits DDR Mobile RAM??WTR (Wide Temperature Range), Low Power Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com